Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012BE5000 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE5012BE5000
Description  TLx5012B 2go Evaluation Kit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012BE5000 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE5012BE5000 Datasheet HTML 1Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 2Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 3Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 4Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 5Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 6Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 7Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 8Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Application Note
5
Rev. 1.0
2018-09-27
TLx5012B 2go Evaluation Kit
General description
1.2
Hardware description
The evaluation kit hardware is built around the XMC1100 Infineon target microcontroller (4), ARM M0 based.
In addition, the hardware includes an on-board debugger microcontroller (5) implemented with the Infineon
XMC4200 running a SEGGER Jlink debugger.
Figure 2
TLx5012B 2go evaluation hardware
The sensor supply is ensured by a TLE4250-2G tracker (3) dynamically enabled / disabled by the target
microcontroller.
Two MOS transistors (2) - one PMOS and one NMOS - are being used for enabling a pull-up resistor (2.2 kΩ) and
for pulling down the line for the SPC pulse generation. Both transistors are controlled by the XMC1100 target.
The sensor (1) is placed on a break-apart region of the PCB so it can be removed and placed in a system.
For the connection to the PC a micro-USB (6) to USB cable is required (not provided with the package).
Figure 3
Hardware - board layout (top)


Similar Part No. - TLE5012BE5000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
   Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
TLE5012BD INFINEON-TLE5012BD Datasheet
674Kb / 17P
   GMR-Based Dual Die Angle Sensor
Rev. 1.1, 2015-03-12
More results

Similar Description - TLE5012BE5000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com