Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5012BE5000 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5012BE5000
Description  TLx5012B 2go Evaluation Kit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012BE5000 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5012BE5000 Datasheet HTML 14Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 15Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 16Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 17Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 18Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 19Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 20Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 21Page - Infineon Technologies AG TLE5012BE5000 Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Note
18
Rev. 1.0
2018-09-27
TLx5012B 2go Evaluation Kit
Evaliation Kit for GMR based angle sensors
3.8
Soft fusing of protocols
To enable soft fusing go to Settings > Protocol Soft Fusing.
You may fuse three different protocols: IIF, PWM and SPC.
After closing this window, the sensor type is invalidated and the user has to re-select the sensor type as the
protocol can be different.
IIF provides the following fusing options:
• Mode: You can choose between A/B mode and Step/Direction mode.
Refer to the sensor user manual for details.
• Number of steps per rotation: 4096, 2048, 1024 or 512
• Absolute count: enabled or disabled
PWM provides the following fusing options:
• Frequency: 244 Hz, 488 Hz, 977 Hz and 1953 Hz
• Error indication: enabled or disabled
SPC provides the following fusing options:
• Unit time: 3us, 2.5us, 2us and 1.5us
• Frame configuration:
– 12bit angle
– 16bit angle
– 12bit angle + 8bit temperature
– 16bit angle + 8bit temperature
• Trigger time: 90 unit times or 12 unit times + tmlow


Similar Part No. - TLE5012BE5000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
   Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
TLE5012BD INFINEON-TLE5012BD Datasheet
674Kb / 17P
   GMR-Based Dual Die Angle Sensor
Rev. 1.1, 2015-03-12
More results

Similar Description - TLE5012BE5000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com