Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5009A16E1200 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE5009A16E1200
Description  Analog AMR/GMR Angle Sensors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5009A16E1200 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE5009A16E1200 Datasheet HTML 13Page - Infineon Technologies AG TLE5009A16E1200 Datasheet HTML 14Page - Infineon Technologies AG TLE5009A16E1200 Datasheet HTML 15Page - Infineon Technologies AG TLE5009A16E1200 Datasheet HTML 16Page - Infineon Technologies AG TLE5009A16E1200 Datasheet HTML 17Page - Infineon Technologies AG TLE5009A16E1200 Datasheet HTML 18Page - Infineon Technologies AG TLE5009A16E1200 Datasheet HTML 19Page - Infineon Technologies AG TLE5009A16E1200 Datasheet HTML 20Page - Infineon Technologies AG TLE5009A16E1200 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Data Sheet
17
V 2.0
2018-12
TLE5x09A16(D)
Analog AMR/GMR Angle Sensor
Specification
2.3
Sensor specification
The following operating conditions must not be exceeded in order to ensure correct operation of the
TLE5x09A16(D).
All parameters specified in the following sections refer to these operating conditions, unless otherwise noted.
Table 7
is valid for -40°C <
T
A < 125°C and through the TLE5x09A16(D) lifetime. Parameters are valid for AMR
and GMR sensor, unless otherwise noted.
2.3.1
Operating range
Table 7
Operating range
Parameter
Symbol
Values
Unit Note or Test Condition
Min.
Typ.
Max.
Ambient temperature
1)
1) Assuming a thermal resistance of the sensor assembly in the application of 150 K/W or less.
TA
-40
125
°C
Supply voltage GMR
2)
2) Supply voltage
V
DD buffered with 100 nF ceramic capacitor in close proximity to the sensor.
V
DD, GMR
3.0
3.3
3.6
V
E1200, E1210, E1211, E5201
4.5
5
5.5
V
E2200, E2210, E2211
Supply voltage AMR
2)
V
DD, AMR
3.0
3.3
3.6
V
E1210, E1211
4.5
5
5.5
V
E2210, E2211, E5201
Output current
3)4)
3) Not subject to production test - verified by design/characterization.
4) Assuming a symmetrical load.
I
Q
0
0.5
mA
COS_N; COS_P; SIN_N; SIN_P
00.1
mA
V
DIAG
Load capacitance
3)5)
5) Directly connected to the pin.
C
L
0
4.7
nF
All output pins - without series
resistor
Magnetic induction
GMR
1)3)6)7)
6) Values refer to a homogenous magnetic field (
B
XY) without vertical magnetic induction (BZ = 0 mT).
7) Min/Max values for magnetic field for intermediate temperatures can be obtained by linear interpolation.
B
XY
24
60
mT
In X/Y direction, at
T
A = 25°C
26
100
mT
In X/Y direction, at
T
A = -40°C
21
50
mT
In X/Y direction, at
T
A = 125°C
Magnetic induction AMR
3)6)
B
XY
20
mT
in X/Y direction, tested up to 500 mT
quasi-static
Angle range
α
0
360
°
(AMR is 180°-periodic, see
Chapter 1.5
)
Rotation speed
3)8)
8) Typical angle propagation delay error is 1.62° at 30,000 rpm.
n
30,000
rpm
150,000 rpm No signal degradation observed in lab


Similar Part No. - TLE5009A16E1200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5009A16 INFINEON-TLE5009A16 Datasheet
1Mb / 24P
   Available as single die and dual die with separate supplies for each die
Version 1.2 2017-10
More results

Similar Description - TLE5009A16E1200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
   2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
logo
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
   Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
logo
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com