Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5009A16E2210 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5009A16E2210
Description  Analog AMR/GMR Angle Sensors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5009A16E2210 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5009A16E2210 Datasheet HTML 17Page - Infineon Technologies AG TLE5009A16E2210 Datasheet HTML 18Page - Infineon Technologies AG TLE5009A16E2210 Datasheet HTML 19Page - Infineon Technologies AG TLE5009A16E2210 Datasheet HTML 20Page - Infineon Technologies AG TLE5009A16E2210 Datasheet HTML 21Page - Infineon Technologies AG TLE5009A16E2210 Datasheet HTML 22Page - Infineon Technologies AG TLE5009A16E2210 Datasheet HTML 23Page - Infineon Technologies AG TLE5009A16E2210 Datasheet HTML 24Page - Infineon Technologies AG TLE5009A16E2210 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
21
V 2.0
2018-12
TLE5x09A16(D)
Analog AMR/GMR Angle Sensor
Specification
Figure 19
GMR differential output of ideal cosine
Table 10
Differential output parameters over temperature and lifetime
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
X, Y amplitude
A
Xdiff, AYdiff
1.4
2.6
V
Sensors with 3.3 V supply
2.4
3.9
V
Sensors with 5.0 V supply
X, Y synchronism
k
94
100
106
%
GMR
94
100
106
%
AMR
X, Y orthogonality error
φ
-12
12
°
GMR (AMR negligible)
X, Y offset
O
Xdiff, OYdiff
-100
0
100
mV
GMR
-200
0
200
mV
AMR
X,Y cut-off frequency
1)
1) Not subject to production test - verified by design/characterization.
f
c
30
kHz
-3 dB attenuation
X,Y delay time
1)2)
2) Time measured at chip output pins.
t
adel
9µs
Output noise
1)
V
Noise
5mV
RMS


Similar Part No. - TLE5009A16E2210

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5009A16 INFINEON-TLE5009A16 Datasheet
1Mb / 24P
   Available as single die and dual die with separate supplies for each die
Version 1.2 2017-10
More results

Similar Description - TLE5009A16E2210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
   2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
   AMR Sensors (Magnetic Sensors)
Ver.10.1
logo
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
   Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
logo
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com