Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE5009A16DE1200 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part No. TLE5009A16DE1200
Description  Analog AMR/GMR Angle Sensors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5009A16DE1200 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE5009A16DE1200 Datasheet HTML 21Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 22Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 23Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 24Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 25Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 26Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 27Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 28Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Data Sheet
25
V 2.0
2018-12
TLE5x09A16(D)
Analog AMR/GMR Angle Sensor
Specification
Figure 21
Typical residual angle error of fully and one-time compensated GMR sensor for differential
output at different temperatures (measured at 0 h); one-time compensation is calibrated at
T = 25°C and B = 40 mT; TLE5309D derivative with TCO
1) and 3.3 V supply voltage is used
Figure 22
Typical residual angle error of fully and one-time compensated AMR sensor for differential
output at different temperatures (measured at 0 h); one-time compensation is calibrated at
T = 25°C and B = 40 mT; TLE5309D derivative with TCO
1) and 3.3 V supply voltage is used
1) Temperature Compensation Offset
0
0.2
0.4
0.6
0.8
1
20
40
60
80
magnetic induction (mT)
Fully compensated
25°C
-40°C
125°C
0
0.2
0.4
0.6
0.8
1
20
40
60
80
magnetic induction (mT)
One-time compensated
25°C
-40°C
125°C
0
0.1
0.2
0.3
0.4
0.5
0.6
20
40
60
80
magnetic induction (mT)
Fully compensated
25°C
-40°C
125°C
0
0.1
0.2
0.3
0.4
0.5
0.6
20
40
60
80
magnetic induction (mT)
One-time compensated
25°C
-40°C
125°C


Similar Part No. - TLE5009A16DE1200

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE5009A16 INFINEON-TLE5009A16 Datasheet
1Mb / 24P
   Available as single die and dual die with separate supplies for each die
Version 1.2 2017-10
More results

Similar Description - TLE5009A16DE1200

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
   2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Infineon Technologies AG
Infineon Technologies A...
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
   GMR Angle Sensor
March 2011
American Electronic Components, inc
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
Infineon Technologies AG
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
   Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
   GMR Angle Sensor
May 2010 V1.1
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz