Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE5009A16DE1200 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part No. TLE5009A16DE1200
Description  Analog AMR/GMR Angle Sensors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5009A16DE1200 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5009A16DE1200 Datasheet HTML 15Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 16Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 17Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 18Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 19Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 20Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 21Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 22Page - Infineon Technologies AG TLE5009A16DE1200 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Data Sheet
19
V 2.0
2018-12
TLE5x09A16(D)
Analog AMR/GMR Angle Sensor
Specification
The sensor outputs 4 single-ended signals SIN_N, SIN_P, COS_N, and COS_P, which are centered at the
voltage offset 0.5*V
DD. The differential signals are calculated from the single-ended signals. The differential
voltages for X or Y are defined in Equation (5).
(5)
The maximum amplitudes for the differential signals are centered at 0 V and defined for X or Y as given in
Equation (6)
:
(6)
Differential offset is of X or Y is defined in Equation (7).
(7)
In single-ended mode the offset is defined as the mean output voltage and equals typically 0.5*V
DD. For
further details please refer to the application note “TLE5xxx(D) Calibration”.
Table 9
Single-ended output parameters over temperature and lifetime
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
X, Y amplitude
A
X, AY
0.7
1.3
V
Sensors with 3.3 V supply
1.2
1.95
V
Sensors with 5.0 V supply
X, Y synchronism
k
94
100
106
%
GMR
94
100
106
%
AMR
X, Y orthogonality error
φ
-12
12
°
GMR (AMR negligible)
Mean output voltage
V
MVX, VMVY
0.47*
V
DD
0.5*
V
DD
0.53*
V
DD
V
V
MV=(Vmax+Vmin)/2
1)
1)
V
max and Vmin correspond to the voltage levels at Xmax or Ymax and Xmin or Ymin respectively as shown in Figure 17,
Figure 18
.
X,Y cut off frequency
2)
2) Not subject to production test - verified by design/characterization
f
c
30
kHz
-3 dB attenuation
X,Y delay time
2)3)
3) Time measured at chip output pins.
t
adel
9µs
Output noise
2)
V
Noise
5mV
RMS
SINN
SINP
Ydiff
COSN
COSP
Xdiff
V
V
V
V
V
V
=
=
(
)
()
2
2
_
_
_
_
MIN
diff
MAX
diff
Ydiff
MIN
diff
MAX
diff
Xdiff
Y
Y
A
X
X
A
=
=
(
)
()
2
2
_
_
_
_
MIN
diff
MAX
diff
Ydiff
MIN
diff
MAX
diff
Xdiff
Y
Y
O
X
X
O
+
=
+
=


Similar Part No. - TLE5009A16DE1200

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE5009A16 INFINEON-TLE5009A16 Datasheet
1Mb / 24P
   Available as single die and dual die with separate supplies for each die
Version 1.2 2017-10
More results

Similar Description - TLE5009A16DE1200

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
   2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Infineon Technologies AG
Infineon Technologies A...
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
   GMR Angle Sensor
March 2011
American Electronic Components, inc
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
Infineon Technologies AG
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
   Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
   GMR Angle Sensor
May 2010 V1.1
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz