Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV4937PG Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV4937PG
Description  64-Channel Serial To Parallel Converter With P-Channel Open Drain Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV4937PG Datasheet(HTML) 5 Page - Supertex, Inc

  HV4937PG Datasheet HTML 1Page - Supertex, Inc HV4937PG Datasheet HTML 2Page - Supertex, Inc HV4937PG Datasheet HTML 3Page - Supertex, Inc HV4937PG Datasheet HTML 4Page - Supertex, Inc HV4937PG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
12-33
65
80
1
24
25
40
41
64
Index
top view
80-pin Gullwing Package
Pin Configurations
PG Package
HV49
Pin
Function
Pin
Function
1V
SS
2
N/C
3HVOUT 59/6
4HVOUT 60/5
5HVOUT 61/4
6HVOUT 62/3
7HVOUT 63/2
8HVOUT 64/1
9
DIR
10
Data Out
11
CLK
12
VSS
13
VDD
14
LE
15
Data In
16
OE
17
HVOUT 1/64
18
HVOUT 2/63
19
HVOUT 3/62
20
HVOUT 4/61
21
HVOUT 5/60
22
HVOUT 6/59
23
N/C
24
VSS
25
HVOUT 7/58
26
HVOUT 8/57
27
HVOUT 9/56
28
HVOUT 10/55
29
HVOUT 11/54
30
HVOUT 12/53
31
HVOUT 13/52
32
HVOUT 14/51
33
HVOUT 15/50
34
HVOUT 16/49
35
HVOUT 17/48
36
HVOUT 18/47
37
HVOUT 19/46
38
HVOUT 20/45
39
HVOUT 21/44
40
HVOUT 22/43
41
N/C
42
N/C
43
HVOUT 23/42
44
HVOUT 24/41
45
HVOUT 25/40
46
HVOUT 26/39
47
HVOUT 27/38
48
HVOUT 28/37
49
HVOUT 29/36
50
HVOUT 30/35
51
HVOUT 31/34
52
HVOUT 32/33
53
HVOUT 33/32
54
HVOUT 34/31
55
HVOUT 35/30
56
HVOUT 36/29
57
HVOUT 37/28
58
HVOUT 38/27
59
HVOUT 39/26
60
HVOUT 40/25
61
HVOUT 41/24
62
HVOUT 42/23
63
N/C
64
N/C
65
HVOUT 43/22
66
HVOUT 44/21
67
HVOUT 45/20
68
HVOUT 46/19
69
HVOUT 47/18
70
HVOUT 48/17
71
HVOUT 49/16
72
HVOUT 50/15
73
HVOUT 51/14
74
HVOUT 52/13
75
HVOUT 53/12
76
HVOUT 54/11
77
HVOUT 55/10
78
HVOUT 56/9
79
HVOUT 57/8
80
HVOUT 58/7
Note:
Pin designation DIR = H or L
Example: For DIR = H, Pin 3 is HVOUT 59
For DIR = L, Pin 3 is HVOUT 6
Package Outline
HV4937


Similar Part No. - HV4937PG

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
   High Current MOSFET Driver
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
   High Current MOSFET Driver
HV400IB HARRIS-HV400IB Datasheet
3Mb / 10P
   High Current MOSFET Driver
HV400IP HARRIS-HV400IP Datasheet
3Mb / 10P
   High Current MOSFET Driver
logo
Intersil Corporation
HV400MJ INTERSIL-HV400MJ Datasheet
131Kb / 11P
   High Current MOSFET Driver
More results

Similar Description - HV4937PG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3137 SUTEX-HV3137 Datasheet
447Kb / 5P
   64-Channel Serial To Parallel Converter With Open Drain Outputs
HV4522 SUTEX-HV4522 Datasheet
49Kb / 6P
   32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
HV4530 SUTEX-HV4530 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
HV4522PJ-G SUTEX-HV4522PJ-G Datasheet
628Kb / 6P
   32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
HV57009 SUTEX-HV57009 Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com