Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9921N8-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9921N8-G
Description  3-Pin Switch-Mode LED Lamp Driver ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921N8-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV9921N8-G Datasheet HTML 1Page - Supertex, Inc HV9921N8-G Datasheet HTML 2Page - Supertex, Inc HV9921N8-G Datasheet HTML 3Page - Supertex, Inc HV9921N8-G Datasheet HTML 4Page - Supertex, Inc HV9921N8-G Datasheet HTML 5Page - Supertex, Inc HV9921N8-G Datasheet HTML 6Page - Supertex, Inc HV9921N8-G Datasheet HTML 7Page - Supertex, Inc HV9921N8-G Datasheet HTML 8Page - Supertex, Inc HV9921N8-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
NR092005
HV9921/HV9922/HV9923
Functional Description
The HV9921/22/23 are PWM peak current controllers
for controlling a buck converter topology in continuous
conduction mode (CCM). The output current is internally
preset at 20mA (HV9921), 50mA (HV9922), or 30mA
(HV9923).
When the input voltage of 20 to 400V appears at the
DRAIN pin, the internal high-voltage linear regulator seeks
to maintain a voltage of 7VDC at the V
DD pin. Until this
voltage exceeds the internally programmed under-voltage
threshold, the output switching MOSFET is non-conductive.
When the threshold is exceeded, the MOSFET turns on. The
input current begins to flow into the DRAIN pin. Hysteresis
is provided in the under-voltage comparator to prevent
oscillation.
When the input current exceeds the internal preset level,
a current sense comparator resets an RS flip-flop, and the
MOSFET turns off. At the same time, a one-shot circuit
is activated that determines the duration of the off-state
(10.5
µS typ.). As soon as this time is over, the flip-flop sets
again. The new switching cycle begins.
A “blanking” delay of 300nS is provided that prevents false
triggering of the current sense comparator due to the leading
edge spike caused by circuit parasitics.
Application Information
The HV9921/22/23 is a low-cost off-line buck converter IC
specifically designed for driving multi-LED strings. It can be
operated from either universal AC line range of 85 to 264VAC,
or 20 to 400VDC, and drives up to tens of high brightness
LEDs. All LEDs can be run in series, and the HV9921/22/23
regulates at constant current, yielding uniform illumination.
The HV9921/22/23 is compatible with triac dimmers. The
output current is internally fixed at 20mA for the HV9921,
50mA for the HV9922, and 30mA for HV9923. These parts
are available in space saving TO-92 and SOT-89 packages.
Selecting L1 and D1
There is a certain trade-off to be considered between
optimal sizing of the output inductor L1 and the tolerated
output current ripple. The required value of L1 is inversely
proportional to the ripple current
∆I
O in it.
(1)
V
O is the forward voltage of the LED string. TOFF is the off-
time of the HV9921/22/23. The output current in the LED
string (I
O) is calculated then as:
(2)
where I
TH
is the current sense comparator threshold.
The ripple current introduces a peak-to-average error in
the output current setting that needs to be accounted for.
Due to the constant off-time control technique used in the
HV9921/22/23, the ripple current is independent of the input
AC or DC line voltage variation. Therefore, the output current
will remain unaffected by the varying input voltage.
Adding a filter capacitor across the LED string can reduce
the output current ripple even further, thus permitting a
reduced value of L1. However, one must keep in mind that
the peak-to-average current error is affected by the variation
of T
OFF. Therefore, the initial output current accuracy might
be sacrificed at large ripple current in L1.
Another important aspect of designing an LED driver with the
HV9921/22/23 is related to certain parasitic elements of the
circuit, including distributed coil capacitance of L1, junction
capacitance and reverse recovery of the rectifier diode D1,
capacitance of the printed circuit board traces C
PCB and output
capacitance C
DRAIN of the controller itself. These parasitic
elements affect the efficiency of the switching converter and
could potentially cause false triggering of the current sense
comparator if not properly managed. Minimizing these
parasitics is essential for efficient and reliable operation of
the HV9921/22/23.
Coil capacitance of inductors is typically provided in the
manufacturer’s data books either directly or in terms of the
self-resonant frequency (SRF).
where L is the inductance value, and C
L
is the coil
capacitance.) Charging and discharging this capacitance
every switching cycle causes high-current spikes in the LED
string. Therefore, connecting a small capacitor C
O (~10nF) is
recommended to bypass these spikes.
Using an ultra-fast rectifier diode for D1 is recommended
to achieve high efficiency and reduce the risk of false
triggering of the current sense comparator. Using diodes
with shorter reverse recovery time t
rr and lower junction
capacitance C
J achieves better performance. The reverse
voltage rating V
R of the diode must be greater than the
maximum input voltage of the LED lamp.
The total parasitic capacitance present at the DRAIN pin of
the HV9921/22/23 can be calculated as:
(3)
When the switching MOSFET turns on, the capacitance C
P
is discharged into the DRAIN pin of the IC. The discharge
current is limited to about 150mA typically. However, it
may become lower at increased junction temperature. The
duration of the leading edge current spike can be estimated
/(
)
L
SRF
1 2
L C
π
=⋅
PDRAIN
PCB
L
J
CC
C
C
C
=+
+
+
OOFF
O
VT
L1
I
=
OTH
O
1
II
I
2
=− ⋅


Similar Part No. - HV9921N8-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921N8 SUTEX-HV9921N8 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
More results

Similar Description - HV9921N8-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
   3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
First Silicon Co., Ltd
FC9920 FS-FC9920 Datasheet
513Kb / 7P
   3-Pin Switch-Mode LED Lamp Driver
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
First Silicon Co., Ltd
FC9921 FS-FC9921 Datasheet
758Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com