Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7855PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7855PBF
Description  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7855PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7855PBF Datasheet HTML 1Page - International Rectifier IRF7855PBF Datasheet HTML 2Page - International Rectifier IRF7855PBF Datasheet HTML 3Page - International Rectifier IRF7855PBF Datasheet HTML 4Page - International Rectifier IRF7855PBF Datasheet HTML 5Page - International Rectifier IRF7855PBF Datasheet HTML 6Page - International Rectifier IRF7855PBF Datasheet HTML 7Page - International Rectifier IRF7855PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7855PbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
72
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.4
9.4
m
VGS(th)
Gate Threshold Voltage
3.0
–––
4.9
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
14
–––
–––
S
Qg
Total Gate Charge
–––
26
39
Qgs
Gate-to-Source Charge
–––
6.8
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.6
–––
td(on)
Turn-On Delay Time
–––
8.7
–––
tr
Rise Time
–––
13
–––
td(off)
Turn-Off Delay Time
–––
16
–––
ns
tf
Fall Time
–––
12
–––
Ciss
Input Capacitance
–––
1560
–––
Coss
Output Capacitance
–––
440
–––
Crss
Reverse Transfer Capacitance
–––
120
–––
pF
Coss
Output Capacitance
–––
1910
–––
Coss
Output Capacitance
–––
320
–––
Coss eff.
Effective Output Capacitance
–––
520
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.3
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
97
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
33
50
ns
Qrr
Reverse Recovery Charge
–––
38
57
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Typ.
–––
–––
Conditions
VDS = 25V, ID = 7.2A
ID = 7.2A
VDS = 30V
Conditions
VGS = 10V f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
540
7.2
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 7.2A, VGS = 0V f
TJ = 25°C, IF = 7.2A, VDD = 25V
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 12A f
VDS = VGS, ID = 100µA
VDS = 60V, VGS = 0V
VDS = 60V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
Max.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 48V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 48V g
VGS = 10V f
VDD = 30V
ID = 7.2A
RG = 6.2Ω


Similar Part No. - IRF7855PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
More results

Similar Description - IRF7855PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com