Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2414 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT2414
Description  MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2414 Datasheet(HTML) 6 Page - Texas Instruments

  SN74BCT2414 Datasheet HTML 1Page - Texas Instruments SN74BCT2414 Datasheet HTML 2Page - Texas Instruments SN74BCT2414 Datasheet HTML 3Page - Texas Instruments SN74BCT2414 Datasheet HTML 4Page - Texas Instruments SN74BCT2414 Datasheet HTML 5Page - Texas Instruments SN74BCT2414 Datasheet HTML 6Page - Texas Instruments SN74BCT2414 Datasheet HTML 7Page - Texas Instruments SN74BCT2414 Datasheet HTML 8Page - Texas Instruments SN74BCT2414 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN74BCT2414
MEMORY DECODER
WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SCBS059B – MARCH 1989 – REVISED NOVEMBER 1993
2–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Note 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
,
TA = MIN to MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
AorB
Any Y
1
5
10
1
12
ns
tPHL
A or B
Any Y
2
5.8
10
2
12
ns
tPLH
Any G
Any Y
1
4.5
9
1
10
ns
tPHL
Any G
Any Y
2
5.5
9
2
11
ns
tPLH
SD
Any Y
2
6.5
11
2
12
ns
tPHL
SD
Any Y
2
6.5
11
2
12
ns
switching characteristics (see Note 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
,
TA = MIN to MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
VCC
Any Y
10
25
50
10
250
ns
tPHL
VCC
Any Y
15
45
100
15
250
ns
tPLH
VCC
VS
10
28
50
10
250
ns
tPHL
VCC
VS
20
50
100
20
250
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 1: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DW TI1-SN74BCT2414DW Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414DWG4 TI1-SN74BCT2414DWG4 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414N TI1-SN74BCT2414N Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
More results

Similar Description - SN74BCT2414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com