Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6601HF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TS6601HF
Description  Tact Switch Series (6x6mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TS6601HF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TS6601HF Datasheet HTML 1Page - List of Unclassifed Manufacturers TS6601HF Datasheet HTML 2Page - List of Unclassifed Manufacturers TS6601HF Datasheet HTML 3Page - List of Unclassifed Manufacturers TS6601HF Datasheet HTML 4Page - List of Unclassifed Manufacturers TS6601HF Datasheet HTML 5Page - List of Unclassifed Manufacturers TS6601HF Datasheet HTML 6Page - List of Unclassifed Manufacturers TS6601HF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6.4 Endurance
Item
Te s t C o n d i t i o n s
Require me n t s
6.4.1.
Operating Life
Measurements shall be made following the test set
forth below:
(1)DC 5V 5mA resistive load
(2)Rate of operation: 2 to 3 operations per second
(3)Depression:
300
g f
(4)Cycles of operation:
10 x10
4
cycles
Contact resistance:
200
m ohm max.
Insulation resistance:
10
M ohm min.
Bounce:
10
m sec
max.
Actuating force:
+ 30 % or
- 30 % of initial
force
Item
6.1.3
Item
6.2.2
6.4.2.
Vibration
Resistance
Measurements shall be made following the test set
forth below:
(1)Range of oscillation: 10 to 55 Hz
(2)Amplitude, pk-to-pk:1.5 mm
(3)Cycle of sweep: 10 -55 -10 Hz in one minute,
approx.
(4)Mode of sweep: Logarithmically sweep or
uniform sweep
(5)Direction of oscillation:
Three mutually perpendicular directions,
including the direction of stem travel
(6)Duration of testing:
2 hours each, for a total of 6 hours
Item
6.1
Item
6.2.1
Item
6.2.2
6.4.3.
Impact Shock
Resistance
Measurements shall be made following the test set
forth below:
(1)Acceleration:80g
(2)Cycles of test:3 cycles each in 6 directions, for a
total of 18 cycles
Item
6.1
Item
6.2.1
Item
6.2.2
PART NO:
TS6601H
5/6
TACTING
SWITCH
SPECIFICATION


Similar Part No. - TS6601HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
   Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Revision: 26-Jun-07
logo
STATEK CORPORATION
TS6 STATEK-TS6 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
116Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6 Datasheet
97Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
   DC SOLID STATE RELAYS
More results

Similar Description - TS6601HF

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481035816 WURTH-430481035816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
logo
List of Unclassifed Man...
430152050826 ETC-430152050826 Datasheet
58Kb / 1P
   SWTACT WS-TSS 6X6MM TACT SWITCH, SMD VERSION
logo
Wurth Elektronik GmbH &...
4312X6XXX7X6 WURTH-4312X6XXX7X6 Datasheet
102Kb / 1P
   WS-TATU 6x6mm right angle Tact Switch, THT version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com