Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5043TR Datasheet(PDF) 12 Page - ams AG

Part # AS5043TR
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043TR Datasheet(HTML) 12 Page - ams AG

Back Button AS5043TR Datasheet HTML 8Page - ams AG AS5043TR Datasheet HTML 9Page - ams AG AS5043TR Datasheet HTML 10Page - ams AG AS5043TR Datasheet HTML 11Page - ams AG AS5043TR Datasheet HTML 12Page - ams AG AS5043TR Datasheet HTML 13Page - ams AG AS5043TR Datasheet HTML 14Page - ams AG AS5043TR Datasheet HTML 15Page - ams AG AS5043TR Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 12 of 26
12.2.1 Angular range Selector :
The Angular Range selector allows a digital pre-selection
of the angular range. The AS5043 can be configured for
a full scale angular range of 45°,90°,180° or 360°. In
addition, the Output voltage versus angle response can
be fine-tuned by setting the gain of the OP-AMP with
external resistors and the maximum output voltage can
be set in the DAC.
The combination of these options allows to configure the
operation range of the AS5043 for all angles up to 360°
and output voltages up to 5.5V
The response curve for the analog output is linear for the
selected range (45°/90°/180°/360°). In addition, the
slope is mirrored at 180° for 45°- and 90°- modes and
has a step response at 270° for the 180°-mode. This
allows the AS5043 to be used in a variety of applications.
In these three modes, the output remains at Vout,max and
Vout,min to avoid a sudden output change when the
mechanical angle is rotated beyond the selected analog
range. In 360°-mode, a jitter between Vout,max and Vout,min
at the 360° point is also prevented due to a hysteresis.
Output
Range1
Output
Range0
Mode
Note
0
0
0
256
90°
18 0°
2 7 0 °
360 °
0
angle*)
360° a ngular ra n ge (d efault)
10 23
512
768
1 024
default mode,
analog resolution= 10bit
(1024 steps) over 360°
analog step size:
1LSB = 0.35°
0
1
0
90 °
18 0°
2 7 0 °
360 °
0
angle
180° a ngular ra n ge
10 23
2 56
51 2
768
1 024
analog resolution= 10bit
(1024 steps) over 180°
Analog step size:
1LSB = 0.175°
1
0
0
90 °
18 0°
2 7 0 °
360 °
0
angle
90° an gula r rang e
10 23
2 56
51 2
768
1 024
analog resolution= 10bit
(1024 steps) over 90°
Analog step size:
1LSB = 0.088°
1
1
0
90 °
18 0°
2 25°
360 °
0
angle
45° an gula r rang e
51 1
2 56
51 2
640
1 024
1 28
45°
analog resolution=
9 bit (512 steps) over 45°
Analog step size:
1LSB = 0.088°
*) Note: the resolution on the digital SSI interface is always 10bit (0.35°/step) over 360°, independent on analog mode
Table 5: Digital Range Selector programming options


Similar Part No. - AS5043TR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043ASST AMSCO-AS5043ASST Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043ASSU AMSCO-AS5043ASSU Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
More results

Similar Description - AS5043TR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
   Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245 Datasheet
904Kb / 33P
   Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
logo
TE Connectivity Ltd
KMA36 TEC-KMA36 Datasheet
530Kb / 18P
   Contactless Absolute 360째 (180째) angle measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com