Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6601HK Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TS6601HK
Description  Tact Switch Series (6x6mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TS6601HK Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TS6601HK Datasheet HTML 1Page - List of Unclassifed Manufacturers TS6601HK Datasheet HTML 2Page - List of Unclassifed Manufacturers TS6601HK Datasheet HTML 3Page - List of Unclassifed Manufacturers TS6601HK Datasheet HTML 4Page - List of Unclassifed Manufacturers TS6601HK Datasheet HTML 5Page - List of Unclassifed Manufacturers TS6601HK Datasheet HTML 6Page - List of Unclassifed Manufacturers TS6601HK Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TACTING
SWITCH
SPECIFICATION
6. PERFORMANCE
6.1 Electrical
Item
Te s t C o n d i t i o n s
Require me n t s
6.1.1.
Contact
Resistance
Applying a static load twice the actuating force to
the center of the stem, measurements shall be made
with a 1 kHz small-current contact resistance meter.
100
m ohm max.
6.1.2.
Insulation
Resistance
Measurements shall be made following application of
DC 250 V potential across terminals and across
terminals and frame for one minute.
100
M ohm min.
6.1.3.
Dielectric with-
standing
voltage
AC 500 V (50Hz or 60Hz) shall be applied across
terminals and across terminals and frame for one
minute.
There shall be no
breakdown.
6.1.4.
Bounce
Lightly striking the center of the stem at a rate
encountered in normal use (3 to 4 operations per sec.),
bounce shall be tested at “ON” and “OFF”.
5
m sec max.
PART NO:
TS6601H
2/6
TACTING
SWITCH
SPECIFICATION


Similar Part No. - TS6601HK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
   Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Revision: 26-Jun-07
logo
STATEK CORPORATION
TS6 STATEK-TS6 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
116Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6 Datasheet
97Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
   DC SOLID STATE RELAYS
More results

Similar Description - TS6601HK

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481035816 WURTH-430481035816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
logo
List of Unclassifed Man...
430152050826 ETC-430152050826 Datasheet
58Kb / 1P
   SWTACT WS-TSS 6X6MM TACT SWITCH, SMD VERSION
logo
Wurth Elektronik GmbH &...
4312X6XXX7X6 WURTH-4312X6XXX7X6 Datasheet
102Kb / 1P
   WS-TATU 6x6mm right angle Tact Switch, THT version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com