Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL1404L Datasheet(PDF) 10 Page - International Rectifier

Part # IRL1404L
Description  HEXFET-R Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL1404L Datasheet(HTML) 10 Page - International Rectifier

Back Button IRL1404L Datasheet HTML 2Page - International Rectifier IRL1404L Datasheet HTML 3Page - International Rectifier IRL1404L Datasheet HTML 4Page - International Rectifier IRL1404L Datasheet HTML 5Page - International Rectifier IRL1404L Datasheet HTML 6Page - International Rectifier IRL1404L Datasheet HTML 7Page - International Rectifier IRL1404L Datasheet HTML 8Page - International Rectifier IRL1404L Datasheet HTML 9Page - International Rectifier IRL1404L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRL1404S/IRL1404L
10
www.irf.com
Dimensions are shown in millimeters (inches)
D2Pak Tape & Reel Information
3
4
4
TR R
FE ED D IRE CT ION
1.85 ( .073)
1.65 ( .065)
1.60 (.063)
1.50 (.059)
4.10 ( .161)
3.90 ( .153)
TRL
F EED D IRE CTION
1 0.9 0 (. 42 9)
1 0.7 0 (. 42 1)
16 .10 (.634)
15 .90 (.626)
1.7 5 ( .06 9)
1.2 5 ( .04 9)
11 .60 (.457)
11 .40 (.449)
15 .42 (.609)
15 .22 (.601)
4.72 (.136)
4.52 (.178)
24 .30 (.957)
23 .90 (.941)
0.368 (.0145)
0.342 (.0135)
1.6 0 ( .06 3)
1.5 0 ( .05 9)
13 .50 ( .532)
12 .80 ( .504)
330 .00
(14. 173)
M A X .
27.40 (1 .079)
23.90 (.9 41)
60.00 (2 .362)
M IN .
3 0.40 (1. 197)
M A X .
26.40 (1.039)
2 4.40 (.961 )
N O T ES :
1.
C O M F O R M S T O E IA - 418.
2.
CO N T RO LLING DIM E N S IO N: M ILLIM E T ER .
3.
DIM E NS IO N M E A S URE D @ HUB .
4.
IN C LU D ES F LAN G E D IST O R T IO N @ O U T E R ED G E .
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 95A, di/dt ≤ 160A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting TJ = 25°C, L = 0.35mH
RG = 25Ω, IAS = 95A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Calculated continuous current based on maximum allowable
junction temperature; for recommended current-handing of the
package refer to Design Tip # 93-4.
‡ This is applied to D2Pak, When mounted on 1" square PCB
(FR-4 or G-10 Material) . For recommended footprint and
soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.02/02


Similar Part No. - IRL1404L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL1404LPBF IRF-IRL1404LPBF Datasheet
653Kb / 11P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRL1404L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44NPBF IRF-IRFZ44NPBF Datasheet
150Kb / 8P
   HEXFET-R Power MOSFET
IRFPS40N60K IRF-IRFPS40N60K Datasheet
140Kb / 8P
   HEXFET-R Power MOSFET
IRL640S IRF-IRL640S Datasheet
271Kb / 8P
   HEXFET-R POWER MOSFET
IRLML5103PBF IRF-IRLML5103PBF Datasheet
228Kb / 8P
   HEXFET-R POWER MOSFET
IRLI520G IRF-IRLI520G Datasheet
179Kb / 6P
   HEXFET-R POWER MOSFET
IRF740LCPBF IRF-IRF740LCPBF Datasheet
1Mb / 8P
   HEXFET-R POWER MOSFET
IRFI9Z14G IRF-IRFI9Z14G Datasheet
184Kb / 6P
   HEXFET-R POWER MOSFET
IRFBC40LC IRF-IRFBC40LC Datasheet
176Kb / 8P
   HEXFET-R POWER MOSFET
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com