Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6138_EXR33-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6138_EXR33-T
Description  0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6138_EXR33-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6138_EXR33-T Datasheet HTML 5Page - Maxim Integrated Products MAX6138_EXR33-T Datasheet HTML 6Page - Maxim Integrated Products MAX6138_EXR33-T Datasheet HTML 7Page - Maxim Integrated Products MAX6138_EXR33-T Datasheet HTML 8Page - Maxim Integrated Products MAX6138_EXR33-T Datasheet HTML 9Page - Maxim Integrated Products MAX6138_EXR33-T Datasheet HTML 10Page - Maxim Integrated Products MAX6138_EXR33-T Datasheet HTML 11Page - Maxim Integrated Products MAX6138_EXR33-T Datasheet HTML 12Page - Maxim Integrated Products MAX6138_EXR33-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
0.1%, 25ppm, SC70 Shunt Voltage Reference
with Multiple Reverse Breakdown Voltages
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(IR = 100µA, TA = +25°C, unless otherwise noted.)
0.1
10
1
100
1000
MAX6138_25
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
1000
0.1
1
10
100
IR = 150
µA
IR = 1mA
CL = 1
µF
CL = 0
0.1
10
1
100
1000
MAX6138_50
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100
0.1
1
10
IR = 150
µA
IR = 1mA
CL = 0
CL = 1
µF
1
100
10k
MAX6138_12
NOISE vs. FREQUENCY
MAX6138 toc23
FREQUENCY (Hz)
10,000
100
1000
10
1k
1100
10
1k
10k
MAX6138_25
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10,000
100
1000
1
100
10
1k
10k
MAX6138_50
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10,000
100
1000


Similar Part No. - MAX6138_EXR33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138_EXR33-T MAXIM-MAX6138_EXR33-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
More results

Similar Description - MAX6138_EXR33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6279 MAXIM-MAX6279 Datasheet
1Mb / 9P
   0.1%, 25ppm, Ceramic Shunt Voltage Reference
2019
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
logo
3PEAK INC.
TP2021 3PEAK-TP2021 Datasheet
501Kb / 20P
   SC70, 1.8V, Nano-power Comparators with Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com