Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMY212 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # CMY212
Description  Ultra-linear Mixer with Integrated IF Amp and LO Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CMY212 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  CMY212 Datasheet HTML 1Page - TriQuint Semiconductor CMY212 Datasheet HTML 2Page - TriQuint Semiconductor CMY212 Datasheet HTML 3Page - TriQuint Semiconductor CMY212 Datasheet HTML 4Page - TriQuint Semiconductor CMY212 Datasheet HTML 5Page - TriQuint Semiconductor CMY212 Datasheet HTML 6Page - TriQuint Semiconductor CMY212 Datasheet HTML 7Page - TriQuint Semiconductor CMY212 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CMY212 Datasheet
For additional information and latest specifications, see our website: www.triquint.com
3
Revision B, December 14, 2005
Maximum Ratings
Parameter
Port
Symbol
Value
Unit
min
max
Supply Voltage
3,6
VDD
0
5
V
DC-Voltage at LO Input
4
V6
-3
0,5
V
DC-Voltage at
Mixer RF-IF Port
1
V8
- 0,5
+ 0,5
V
Power into Mixer RF Port
1
PRF
10
dBm
Power into LO Input
4
Pin,LO
-10
10
dBm
Channel Temperature
TCh
150
°C
Operating Temperature
Top
-30
85
°C
Storage Temperature
Tstg
-55
150
°C
Thermal Resistance*
Channel to Soldering Point (GND)
RthChS
260
K/W


Similar Part No. - CMY212

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY212 TRIQUINT-CMY212 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
More results

Similar Description - CMY212

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY210 TRIQUINT-CMY210_15 Datasheet
251Kb / 9P
   Ultra-Linear Mixer with Integrated LO Buffer
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
   High Linearity Mixer with Integrated LO Buffer
05/27/21
logo
Analog Devices
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
   Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
logo
Texas Instruments
TRF37A32 TI1-TRF37A32 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Down Converter Mixer With Integrated IF AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com