Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1141-EPU Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA1141-EPU
Description  33-36 GHz 2W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1141-EPU Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA1141-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 8Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advance Product Information
August 27, 2003
3
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
TABLE III
ON-WAFER RF PROBE CHARACTERISTICS
(TA = 25
°C, Nominal)
Vd = 6 V, Id = 880 mA
Limit
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
Gain
Small Signal
Gain
F = 33 – 36 GHz
F = 34 – 35.2 GHz
16
17
---
---
dB
IRL
Input Return
Loss
F = 33 – 36 GHz
---
-8
---
dB
ORL
Output Return
Loss
F = 33 – 36 GHz
---
-6.5
---
dB
PWR
Output Power @
Pin = +21 dBm
F = 34 – 34.6 Hz
F = 35.2 GHz
32
31.5
---
---
dBm
Ipk
Peak LS Drain
Current @
Pin = 21 dBm
F = 34 – 35.2 GHz
---
1.6
A
TABLE IV
THERMAL INFORMATION
Parameter
Test Conditions
TCH
(
oC)
RθJC
(
°C/W)
TM
(HRS)
RθJC Thermal
Resistance
(channel to backside of
carrier)
Vd = 6 V
Id = 880 mA
Pdiss = 5.3 W
115
8.5
2.6 E+7
Note: Assumes eutectic attach using 1.5 mil 80/20 AuSn mounted to a 20 mil CuMo
Carrier at 70
oC baseplate temperature. Worst case condition with no RF applied, 100% of
DC power is dissipated.
TGA1141-EPU


Similar Part No. - TGA1141-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141 Datasheet
230Kb / 9P
   33 36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
   33 36 GHz 2W Power Amplifier
More results

Similar Description - TGA1141-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
   33 36 GHz 2W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
   25 - 33 GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
   25 - 33 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000021-PKG003 MACOM-MAAP-000021-PKG003 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
logo
Transcom, Inc.
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
   29 - 36 GHz 2W PA MMIC
logo
TriQuint Semiconductor
TGA1071 TRIQUINT-TGA1071 Datasheet
307Kb / 5P
   36 - 40 GHz Power Amplifier
TGA1073C-SCC TRIQUINT-TGA1073C-SCC_15 Datasheet
321Kb / 6P
   36 40 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com