Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA1171-SCC Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA1171-SCC
Description  36 to 40 GHz 1W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1171-SCC Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TGA1171-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA1171-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA1171-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA1171-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA1171-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA1171-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA1171-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA1171-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGA1171-SCC Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TriQuint Semiconductor Texas: (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Product Data Sheet
6
December 13, 2001
TGA1171-SCC
10
11
12
13
14
15
16
36
36.5
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
-26
-24
-22
-20
-18
-16
-14
-12
-10
36
36.5
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
Data Based on the 50th percentile On-Wafer RF
Probe Test Results, Sample Size = 13971 Devices
Bias Conditions: Vd = 7 V, Id = 500 mA


Similar Part No. - TGA1171-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1171-SCC TRIQUINT-TGA1171-SCC Datasheet
891Kb / 9P
   36 to 40 GHz 1W Power Amplifier
TGA1171-SCC TRIQUINT-TGA1171-SCC_15 Datasheet
891Kb / 9P
   36 to 40 GHz 1W Power Amplifier
More results

Similar Description - TGA1171-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1171-SCC TRIQUINT-TGA1171-SCC_15 Datasheet
891Kb / 9P
   36 to 40 GHz 1W Power Amplifier
TGA4542 TRIQUINT-TGA4542_15 Datasheet
1Mb / 13P
   37 to 40 GHz 1W Power Amplifier
TGA1071 TRIQUINT-TGA1071 Datasheet
307Kb / 5P
   36 - 40 GHz Power Amplifier
TGA1073C-SCC TRIQUINT-TGA1073C-SCC_15 Datasheet
321Kb / 6P
   36 40 GHz Power Amplifier
TGA1073C TRIQUINT-TGA1073C Datasheet
852Kb / 6P
   36 - 40 GHz Power Amplifier
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
   37 - 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6442 AVAGO-AMMC-6442 Datasheet
452Kb / 8P
   37 - 40 GHz 1W Power Amplifier
logo
TriQuint Semiconductor
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
   27 to 31 GHz 1W Power Amplifier
TGA4537-SM TRIQUINT-TGA4537-SM_15 Datasheet
1Mb / 14P
   29 to 35 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
   37- 40 GHz, 1W Linear Power Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com