Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2502 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2502
Description  13 - 15 GHz 4W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2502 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2502 Datasheet HTML 1Page - TriQuint Semiconductor TGA2502 Datasheet HTML 2Page - TriQuint Semiconductor TGA2502 Datasheet HTML 3Page - TriQuint Semiconductor TGA2502 Datasheet HTML 4Page - TriQuint Semiconductor TGA2502 Datasheet HTML 5Page - TriQuint Semiconductor TGA2502 Datasheet HTML 6Page - TriQuint Semiconductor TGA2502 Datasheet HTML 7Page - TriQuint Semiconductor TGA2502 Datasheet HTML 8Page - TriQuint Semiconductor TGA2502 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
February 7, 2006
5
Measured Fixtured Data
Bias Conditions: Vd = 7V, Idq = 1.3A ± 5%
-35
-30
-25
-20
-15
-10
-5
0
8
1012
1416182022
Frequency (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12141618
2022
Frequency (GHz)
TGA2502


Similar Part No. - TGA2502

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502 Datasheet
435Kb / 10P
   13 15 GHz 4W Power Amplifier
TGA2502 TRIQUINT-TGA2502_15 Datasheet
435Kb / 10P
   13 15 GHz 4W Power Amplifier
More results

Similar Description - TGA2502

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502_15 Datasheet
435Kb / 10P
   13 15 GHz 4W Power Amplifier
TGA8659-FL TRIQUINT-TGA8659-FL Datasheet
282Kb / 8P
   13 - 15 GHz 4W Power Amplifier
TGA8659-FL TRIQUINT-TGA8659-FL_15 Datasheet
576Kb / 10P
   13 ??5 GHz 4W Power Amplifier
logo
Tyco Electronics
MAAPGM0062-DIE MACOM-MAAPGM0062-DIE Datasheet
569Kb / 5P
   9.5-12.0 GHZ, 4W Power Amplifier
logo
Teledyne Technologies I...
CPA-13-6035 TELEDYNE-CPA-13-6035 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
CPA-13-6027 TELEDYNE-CPA-13-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
CPA-13-6025 TELEDYNE-CPA-13-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
TPA-13-6015 TELEDYNE-TPA-13-6015 Datasheet
887Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
CPA-13-6026 TELEDYNE-CPA-13-6026 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
TPA-13-6035 TELEDYNE-TPA-13-6035 Datasheet
871Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com