Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6138AEXR50-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6138AEXR50-T
Description  0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6138AEXR50-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6138AEXR50-T Datasheet HTML 1Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 2Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 3Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 4Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 5Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 6Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 7Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 8Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
0.1%, 25ppm, SC70 Shunt Voltage Reference
with Multiple Reverse Breakdown Voltages
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX6138_21 (2.048V)
(IR = 100µA, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
ELECTRICAL CHARACTERISTICS—MAX6138_25 (2.5V)
(IR = 100µA, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6138A (0.1%)
2.0460
2.0480
2.0500
MAX6138B (0.2%)
2.0439
2.0480
2.0521
Reverse Breakdown
Voltage (Note 2)
VR
TA = +25°C
MAX6138C (0.5%)
2.0378
2.0480
2.0582
V
Minimum Operating Current
IRMIN
45
65
µA
Reverse Voltage
Temperature Coefficient
(Notes 2, 3)
TC
4
25
ppm/°C
IRMIN
≤ IR ≤ 1mA
0.3
1.0
Reverse Breakdown
Voltage Change with
Operating Current Change
∆VR/∆IR
1mA
≤ IR ≤ 15mA
2.5
8.0
mV
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.3
0.8
Wideband Noise
eN
10Hz
≤ f ≤ 10kHz
28
µVRMS
Reverse Breakdown
Voltage Long-Term Stability
∆VR
t = 1000h
120
ppm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6138A (0.1%)
2.4975
2.5000
2.5025
MAX6138B (0.2%)
2.4950
2.5000
2.5050
Reverse Breakdown Voltage
(Note 2)
VR
TA = +25°C
MAX6138C (0.2%)
2.4875
2.5000
2.5125
V
Minimum Operating Current
IRMIN
45
65
µA
Reverse Voltage Temperature
Coefficient (Notes 2, 3)
TC
4
25
ppm/°C
Reverse Breakdown Voltage
Change with Operating Current
Change
∆VR/∆IR
IRMIN
≤ IR ≤ 1mA
0.3
1.0
mV
Reverse Breakdown Voltage
Change with Operating Current
Change
∆VR/∆IR
1mA
≤ IR ≤ 15mA
2.5
8.0
mV
Reverse Dynamic Impedance
(Note 3)
ZR
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.3
0.8
Wideband Noise
eN
10Hz
≤ f ≤ 10kHz
35
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
t = 1000h
120
ppm


Similar Part No. - MAX6138AEXR50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR12-T MAXIM-MAX6138_EXR12-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR21-T MAXIM-MAX6138_EXR21-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR25-T MAXIM-MAX6138_EXR25-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR30-T MAXIM-MAX6138_EXR30-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
More results

Similar Description - MAX6138AEXR50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6279 MAXIM-MAX6279 Datasheet
1Mb / 9P
   0.1%, 25ppm, Ceramic Shunt Voltage Reference
2019
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
logo
3PEAK INC.
TP2021 3PEAK-TP2021 Datasheet
501Kb / 20P
   SC70, 1.8V, Nano-power Comparators with Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com