Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2508-EPU-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2508-EPU-SM
Description  Ku-Band VSAT Packaged Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2508-EPU-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2508-EPU-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2508-EPU-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
January 12, 2004
1
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice
10
15
20
25
30
35
12
13
14
15
16
17
18
19
Frequency (GHz)
Ku-Band VSAT Packaged Amplifier
TGA2508-EPU-SM
Key Features
Typical Frequency Range: 12 - 19 GHz
25 dB Nominal Gain
29 dBm Nominal P1dB
Bias Conditions: 7 V, 433 mA
PHEMT Technology
Low cost true surface mount package
Package Dimensions:
4.0 x 4.0 x 0.9 mm
(0.157 x 0.157 x 0.035 in)
Primary Applications
VSAT Ground Terminals
Point to Point Radio
Military Ku Band
Ku-Band Space
Preliminary Measured Data
Bias Conditions: Vd = 7 V, Id = 433 mA
GAIN
Top View
Bottom View
-40
-30
-20
-10
0
10
20
30
10
11
12
13
14
15
16
17
18
19
20
Frequency (GHz
)
ORL
IRL


Similar Part No. - TGA2508-EPU-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2508-EPU TRIQUINT-TGA2508-EPU Datasheet
165Kb / 10P
   12-19 GHz VSAT Amplifier
More results

Similar Description - TGA2508-EPU-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2508-SM TRIQUINT-TGA2508-SM_15 Datasheet
386Kb / 9P
   Ku-Band VSAT Packaged Amplifier
TGA8658-SG TRIQUINT-TGA8658-SG_15 Datasheet
215Kb / 9P
   Ku Band 2W Packaged Amplifier
TGA8658-EPU-SG TRIQUINT-TGA8658-EPU-SG Datasheet
106Kb / 8P
   Ku Band 2W Packaged Amplifier
logo
Analog Devices
HMC709LC5 AD-HMC709LC5 Datasheet
373Kb / 6P
   Ku Band VSAT Upconverters
logo
TriQuint Semiconductor
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM_15 Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
   Ku-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com