Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2509 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2509
Description  Wideband 1 W HPA with AGC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2509 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2509 Datasheet HTML 1Page - TriQuint Semiconductor TGA2509 Datasheet HTML 2Page - TriQuint Semiconductor TGA2509 Datasheet HTML 3Page - TriQuint Semiconductor TGA2509 Datasheet HTML 4Page - TriQuint Semiconductor TGA2509 Datasheet HTML 5Page - TriQuint Semiconductor TGA2509 Datasheet HTML 6Page - TriQuint Semiconductor TGA2509 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advance Product Information
February 1, 2006
1
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
Wideband 1 W HPA with AGC
TGA2509
Key Features
Frequency Range: 2-22 GHz
30 dBm Nominal Psat (2-16 GHz)
>29 dBm Nominal Psat (2-20 GHz)
>28.5 dBm Output P1dB
17 dB Nominal Gain
> 25 dB AGC Range
0.25 um 3MI pHEMT Technology
Nominal Bias 12 V @ 1.1 A
Chip Dimensions: 2.30 x 3.20 x 0.10 mm
(0.091 x 0.126 x 0.004 in)
Measured Fixtured Data
Bias Conditions: Vd =12 V, Id= 1.1 A
Primary Applications
Wideband Gain Block
Military EW and ECM
Test Equipment
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
0369
12
15
18
21
24
27
30
Frequency (GHz)
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
Gain
Input
Output
Product Description
The TriQuint TGA2509 is a compact
Wideband High Power Amplifier with
AGC. The HPA operates from 2-22 GHz
and is designed using TriQuint’s proven
standard 0.25 um gate pHEMT production
process.
The TGA2509 provides >28.5 dBm of
output power at 1 dB gain compression
with small signal gain of 17 dB. Typical
saturated power is 30 dBm from 2-16
GHz.
The TGA2509 is suitable for a variety of
wideband electronic warfare systems
such as radar warning receivers,
electronic counter measures,decoys,
jammers and phased array systems.
The TGA2509 is 100% DC and RF tested
on-wafer to ensure performance
compliance.
Lead-free and RoHS compliant
20
22
24
26
28
30
32
34
2
4
6
8
10
12
14
16
18
20
22
24
26
Frequency (GHz)
Psat
P1dB
Note: This device is early in the characterization process prior to finalizing all electrical specifications. Specifications are subject to
change without notice.


Similar Part No. - TGA2509

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2509 TRIQUINT-TGA2509 Datasheet
432Kb / 8P
   Wideband 1W HPA with AGC
TGA2509-EPU-FL TRIQUINT-TGA2509-EPU-FL Datasheet
264Kb / 12P
   Wideband Packaged HPA with AGC
TGA2509-FL TRIQUINT-TGA2509-FL Datasheet
1Mb / 10P
   Wideband 1 W HPA with AGC
TGA2509-FL TRIQUINT-TGA2509-FL_15 Datasheet
1Mb / 10P
   Wideband 1 W HPA with AGC
TGA2509 TRIQUINT-TGA2509_15 Datasheet
432Kb / 8P
   Wideband 1W HPA with AGC
More results

Similar Description - TGA2509

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2509-FL TRIQUINT-TGA2509-FL_15 Datasheet
1Mb / 10P
   Wideband 1 W HPA with AGC
TGA2509-EPU-FL TRIQUINT-TGA2509-EPU-FL Datasheet
264Kb / 12P
   Wideband Packaged HPA with AGC
TGA2509 TRIQUINT-TGA2509_15 Datasheet
432Kb / 8P
   Wideband 1W HPA with AGC
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
logo
WOLFSPEED, INC.
CMPA1D1J001S WOLFSPEED-CMPA1D1J001S Datasheet
912Kb / 18P
   12.7 – 18 GHz, 1 W GaN HPA
Rev. 0.0 February 2023
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com