Electronic Components Datasheet Search |
|
ADG1213YRU Datasheet(PDF) 6 Page - Analog Devices |
|
ADG1213YRU Datasheet(HTML) 6 Page - Analog Devices |
6 / 16 page ADG1211/ADG1212/ADG1213 Preliminary Technical Data Rev. PrE | Page 6 of 16 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating VDD to VSS 35 V VDD to GND −0.3 V to +25 V VSS to GND +0.3 V to −25 V Analog Inputs1 VSS – 0.3 V to VDD + 0.3 V Digital Inputs1 GND – 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Peak Current, S or D 100 mA (pulsed at 1 ms, 10% duty cycle max) Continuous Current, S or D 30 mA Operating Temperature Range Industrial (B Version) −40°C to +85°C Automotive (Y Version) −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C 16-Lead TSSOP, θJA Thermal Impedance 150.4°C/W 16-Lead LFCSP, θJA Thermal Impedance 30.4°C/W Lead Temperature, Soldering Vapor Phase (60 s) 215°C Infrared (15 s) 220°C 1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be limited to the maximum ratings given. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. Table 4. ADG1211/ADG1212 Truth Table ADG1211 In ADG1212 In Switch Condition 0 1 On 1 0 Off Table 5. ADG1213 Truth Table Logic Switch 1, 4 Switch 2, 3 0 Off On 1 On Off ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Similar Part No. - ADG1213YRU |
|
Similar Description - ADG1213YRU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |