Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6822LART-RL Datasheet(PDF) 2 Page - Analog Devices

Part # ADM6822LART-RL
Description  Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6822LART-RL Datasheet(HTML) 2 Page - Analog Devices

  ADM6822LART-RL Datasheet HTML 1Page - Analog Devices ADM6822LART-RL Datasheet HTML 2Page - Analog Devices ADM6822LART-RL Datasheet HTML 3Page - Analog Devices ADM6822LART-RL Datasheet HTML 4Page - Analog Devices ADM6822LART-RL Datasheet HTML 5Page - Analog Devices ADM6822LART-RL Datasheet HTML 6Page - Analog Devices ADM6822LART-RL Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ADM6821–ADM6825
Preliminary Technical Data
Rev.PrA | Page 2 of 7
ADM6821–ADM6825—SPECIFICATIONS
Table 2. VCC=4. 5V to 5.5V for ADM682_L/M, VCC=2.7V to 3.6V for ADM682_T/S/R, VCC=2.1V to 2.75V for ADM682_Z/Y,
VCC=1.53V to 2.0V for ADM682_W/V, TA=-40°C to +125°C, unless otherwise noted.
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
1
5.5
V
TA=0°C to +70°C
1.2
5.5
V
TA=--40°C to +125°C
Supply Current (WDI and MR unconnected)
10
24
µA
VCC=5.5V, no load,
TA=--40°C to +85°C
30
µA
VCC=5.5V, no load,
TA=--40°C to +125°C
7
16
µA
VCC=3.6V, no load,
TA=--40°C to +85°C
25
µA
VCC=3.6V, no load,
TA=--40°C to +125°C
5
12
µA
VCC=3.6V, no load,
TA=--40°C to +85°C
(ADM6825 only)
20
µA
VCC=3.6V, no load,
TA=--40°C to +125°C
(ADM6825 only)
RESET THRESHOLD VOLTAGE
ADM682_L
4.50
4.63
4.75
V
TA=-40°C to +85°C
4.47
4.78
V
TA=-40°C to +125°C
ADM682_M
4.25
4.38
4.50
V
TA=-40°C to +85°C
4.22
4.53
V
TA=-40°C to +125°C
ADM682_T
3.00
3.08
3.15
V
TA=-40°C to +85°C
2.97
3.17
V
TA=-40°C to +125°C
ADM682_S
2.85
2.93
3.00
V
TA=-40°C to +85°C
2.83
3.02
V
TA=-40°C to +125°C
ADM682_R
2.55
2.63
2.70
V
TA=-40°C to +85°C
2.53
2.72
V
TA=-40°C to +125°C
ADM682_Z
2.25
2.32
2.38
V
TA=-40°C to +85°C
2.24
2.40
V
TA=-40°C to +125°C
ADM682_Y
2.12
2.19
2.25
V
TA=-40°C to +85°C
2.11
2.27
V
TA=-40°C to +125°C
ADM682_W
1.62
1.67
1.71
V
TA=-40°C to +85°C
1.61
1.72
V
TA=-40°C to +125°C
ADM682_V
1.52
1.58
1.62
V
TA=-40°C to +85°C
RESET THRESHOLD TEMPERATURE COEFFICIENT
60
ppm/°C
RESET THRESHOLD HYSTERESIS
2x VTH
mV
RESET TIMEOUT PERIOD
140
200
280
ms
100
320
ms
VCC TO RESET DELAY
20
µs
VCC = VTH to (VTH - 100mV)
RESET Output Voltage Low
0.4
V
VCC>=4.25V, ISINK=3.2mA, reset
asserted
0.3
V
VCC>=2.55V, ISINK=1.2mA, reset
asserted
0.3
V
VCC>=1.25V, ISINK=100uA, reset
asserted
0.3
V
VCC>=1.0V, ISINK=50uA, reset
asserted, TA=-40°C to +85°C
RESET Output Voltage High
0.8
×VCC
V
VCC>=4.75V, ISOURCE=800uA,
reset not asserted


Similar Part No. - ADM6822LART-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6822SYRJZ-RL7 AD-ADM6822SYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6822TYRJZ-RL7 AD-ADM6822TYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
More results

Similar Description - ADM6822LART-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6823SYRJZ-RL7 AD-ADM6823SYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com