Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1991IDD Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LT1991IDD
Description  Precision, 100UA Gain Selectable Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1991IDD Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LT1991IDD Datasheet HTML 4Page - Linear Integrated Systems LT1991IDD Datasheet HTML 5Page - Linear Integrated Systems LT1991IDD Datasheet HTML 6Page - Linear Integrated Systems LT1991IDD Datasheet HTML 7Page - Linear Integrated Systems LT1991IDD Datasheet HTML 8Page - Linear Integrated Systems LT1991IDD Datasheet HTML 9Page - Linear Integrated Systems LT1991IDD Datasheet HTML 10Page - Linear Integrated Systems LT1991IDD Datasheet HTML 11Page - Linear Integrated Systems LT1991IDD Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT1991
8
1991fb
Introduction
The LT1991 may be the last op amp you ever have to stock.
Because it provides you with several precision matched
resistors, you can easily configure it into several different
classical gain circuits without adding external compo-
nents. The several pages of simple circuits in this data
sheet demonstrate just how easy the LT1991 is to use. It
can be configured into difference amplifiers, as well as into
inverting and noninverting single ended amplifiers. The
fact that the resistors and op amp are provided together in
such a small package will often save you board space and
reduce complexity for easy probing.
The Op Amp
The op amp internal to the LT1991 is a precision device
with 15µV typical offset voltage and 3nA input bias cur-
rent. The input offset current is extremely low, so match-
ing the source resistance seen by the op amp inputs will
provide for the best output accuracy. The op amp inputs
are not rail-to-rail, but extend to within 1.2V of VCC and 1V
of VEE. For many configurations though, the chip inputs
will function rail-to-rail because of effective attenuation to
the +input. The output is truly rail-to-rail, getting to within
40mV of the supply rails. The gain bandwidth product of
the op amp is about 560kHz. In noise gains of 2 or more,
it is stable into capacitive loads up to 500pF. In noise gains
below 2, it is stable into capacitive loads up to 100pF.
The Resistors
The resistors internal to the LT1991 are very well matched
SiChrome based elements protected with barrier metal.
Although their absolute tolerance is fairly poor (±30%),
their matching is to within 0.04%. This allows the chip to
achieve a CMRR of 75dB, and gain errors within 0.04%.
The resistor values are 50k, 150k, and 2 of 450k, con-
nected to each of the inputs. The resistors have power
limitations of 1watt for the 450k resistors, 0.3watt for the
150k resistors and 0.5watt for the 50k resistors; however,
in practice, power dissipation will be limited well below
these values by the maximum voltage allowed on the input
and REF pins. The 450k resistors connected to the M1 and
P1 inputs are isolated from the substrate, and can there-
fore be taken beyond the supply voltages. The naming of
the pins “P1,” “P3,” “P9,” etc., is based on their relative
admittances. Because it has 9 times the admittance, the
voltage applied to the P9 input has 9 times the effect of the
voltage applied to the P1 input.
Bandwidth
The bandwidth of the LT1991 will depend on the gain you
select (or more accurately the noise gain resulting from
the gain you select). In the lowest configurable gain of 1,
the –3dB bandwidth is limited to 450kHz, with peaking of
about 2dB at 280kHz. In the highest configurable gains,
bandwidth is limited to 32kHz.
Input Noise
The LT1991 input noise is dominated by the Johnson
noise of the internal resistors (√4kTR). Paralleling all four
resistors to the +input gives a 32.1kΩ resistance, for
23nV/√Hz of voltage noise. The equivalent network on the
–input gives another 23nV/√Hz, and taking their RMS sum
gives a total 33nV/√Hz input referred noise floor. Output
noise depends on configuration and noise gain.
Input Resistance
The LT1991 input resistances vary with configuration, but
once configured are apparent on inspection. Note that
resistors connected to the op amp’s –input are looking
into a virtual ground, so they simply parallel. Any feedback
resistance around the op amp does not contribute to input
resistance. Resistors connected to the op amp’s +input
are looking into a high impedance, so they add as parallel
or series depending on how they are connected, and
whether or not some of them are grounded. The op amp
+input itself presents a very high GΩ impedance. In the
classical noninverting op amp configuration, the LT1991
presents the high input impedance of the op amp, as is
usual for the noninverting case.
Common Mode Input Voltage Range
The LT1991 valid common mode input range is limited by
three factors:
1. Maximum allowed voltage on the pins
2. The input voltage range of the internal op amp
3. Valid output voltage
APPLICATIO S I FOR ATIO


Similar Part No. - LT1991IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1991IDD-PBF LINER-LT1991IDD-PBF Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT1991IDD-TRPBF LINER-LT1991IDD-TRPBF Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
More results

Similar Description - LT1991IDD

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
   Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
   Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
   Precision, Wide Voltage Range Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com