Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2602-SM Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA2602-SM
Description  800 - 3000MHz High IP3 Dual LNA
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2602-SM Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA2602-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2602-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2602-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2602-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2602-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2602-SM Datasheet HTML 9Page - TriQuint Semiconductor TGA2602-SM Datasheet HTML 10Page - TriQuint Semiconductor TGA2602-SM Datasheet HTML 11Page - TriQuint Semiconductor TGA2602-SM Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Advance Product Information
April 11, 2006
8
TGA2602-SM
TriQuint Semiconductor Texas Phone: (972) 994-8465 Fax: (972) 994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
900MHz Balanced Amplifier Circuit
4V 100mA (Refer to Page 19)
0
1
2
3
4
5
6
7
8
9
10
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
Frequency (GHz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Frequency (GHz)


Similar Part No. - TGA2602-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2602-SM TRIQUINT-TGA2602-SM Datasheet
930Kb / 29P
   800 to 3000 MHz High IP3 Dual HEMT
TGA2602-SM TRIQUINT-TGA2602-SM_15 Datasheet
930Kb / 29P
   800 to 3000 MHz High IP3 Dual HEMT
More results

Similar Description - TGA2602-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2602-SM TRIQUINT-TGA2602-SM_15 Datasheet
930Kb / 29P
   800 to 3000 MHz High IP3 Dual HEMT
logo
Hittite Microwave Corpo...
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
logo
TriQuint Semiconductor
TGA2601-SM TRIQUINT-TGA2601-SM_15 Datasheet
822Kb / 29P
   800 to 3000 MHz High IP3 Dual HEMT
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
logo
Infineon Technologies A...
BGA771N16 INFINEON-BGA771N16 Datasheet
1Mb / 33P
   High Linearity Dual-Band UMTS LNA (1900/1800/2100, 800/900MHz)
Revision 3.1, 2010-03-16
logo
Tyco Electronics
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
logo
Hittite Microwave Corpo...
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
logo
Broadcom Corporation.
MGA-30689 BOARDCOM-MGA-30689 Datasheet
733Kb / 16P
   40MHz - 3000MHz v
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com