Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2702-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2702-SM
Description  2.5GHz WiMAX Driver / Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2702-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2702-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2702-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2702-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2702-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2702-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2702-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2702-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2702-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2702-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
February 21, 2005
2
TGA2702-SM
TABLE I
MAXIMUM RATINGS 1/
SYMBOL
PARAMETER
VALUE
NOTES
Vd
Drain Voltage
7 V
2/
Vctrl
Gain Control Voltage
7 V
Id
Drain Current
1.1 A
2/ 3/
Ig
Gate Current
6 mA
3/
PIN
Input Continuous Wave Power
25 dBm
PD
Power Dissipation
4.68W
2/ 4/
TCH
Operating Channel Temperature
150
0C5/
TM
Mounting Temperature (30 Seconds)
260
0C
TSTG
Storage Temperature
-65 to 150
0C
1/
These ratings represent the maximum operable values for this device.
2/
Combinations of supply voltage, supply current, input power, and output power shall not exceed P D.
3/
Total current for the device.
4/
When operated at this bias condition with a base plate temperature of 85
0C, the median life is reduced
5/
Junction operating temperature will directly affect the device median time to failure (MTTF). For
maximum life, it is recommended that junction temperatures be maintained at the lowest possible
levels.


Similar Part No. - TGA2702-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700 Datasheet
223Kb / 15P
   X-Band Driver Amplifier
TGA2700 TRIQUINT-TGA2700 Datasheet
614Kb / 16P
   X Band Driver Amplifier
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
TGA2700EVB QORVO-TGA2700EVB Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
logo
TriQuint Semiconductor
TGA2700 TRIQUINT-TGA2700_15 Datasheet
614Kb / 16P
   X Band Driver Amplifier
More results

Similar Description - TGA2702-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2703-SM TRIQUINT-TGA2703-SM Datasheet
291Kb / 14P
   3.5GHz WiMAX Driver / Power Amplifier
TGA2703-SM TRIQUINT-TGA2703-SM_15 Datasheet
458Kb / 15P
   3.5GHz WiMAX Driver Power Amplifier
logo
Analog Devices
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
   2.3-2.9 GHz WiMAX 2W Driver Amplifier
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
   2.4GHz - 2.5GHz 250mW Power Amplifier
logo
Soshin electric Co., Lt...
HMD960U SOSHIN-HMD960U Datasheet
113Kb / 3P
   2.5GHz Balun for Bluetooth, Wireless LAN and WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com