Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2921-SG Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2921-SG
Description  4 Watt 802.11a Packaged Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2921-SG Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2921-SG Datasheet HTML 1Page - TriQuint Semiconductor TGA2921-SG Datasheet HTML 2Page - TriQuint Semiconductor TGA2921-SG Datasheet HTML 3Page - TriQuint Semiconductor TGA2921-SG Datasheet HTML 4Page - TriQuint Semiconductor TGA2921-SG Datasheet HTML 5Page - TriQuint Semiconductor TGA2921-SG Datasheet HTML 6Page - TriQuint Semiconductor TGA2921-SG Datasheet HTML 7Page - TriQuint Semiconductor TGA2921-SG Datasheet HTML 8Page - TriQuint Semiconductor TGA2921-SG Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Advance Product Information
July 29, 2005
5
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
Measured Fixtured Data
Application Circuit tuned to 5.75 GHz
Bias Conditions: Vd = 8 V, Idq = 800 mA
25
30
35
40
45
50
55
60
65
70
75
12
14
16
18
20
22
24
26
28
30
Output Power per Tone (dBm)
5.6GHz
5.7GHz
5.8GHz
5.9GHz
TGA2921-EPU-SG
-12
-9
-6
-3
0
3
6
9
12
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
Frequency (GHz)
-20
-15
-10
-5
0
5
10
15
20
Gain
Input
Output
0
5
10
15
20
25
30
35
40
14
16
18
20
22
24
26
28
30
Pin (dBm)
0
200
400
600
800
1000
1200
1400
1600
Gain
Pout
IDS


Similar Part No. - TGA2921-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2922-SG TRIQUINT-TGA2922-SG Datasheet
312Kb / 12P
   2 Watt 802.11a Packaged Amplifier
TGA2923-SG TRIQUINT-TGA2923-SG Datasheet
278Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2925-SG TRIQUINT-TGA2925-SG Datasheet
268Kb / 10P
   5.6 Watt 3.5GHz Packaged HPA
More results

Similar Description - TGA2921-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2922-SG TRIQUINT-TGA2922-SG Datasheet
312Kb / 12P
   2 Watt 802.11a Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG Datasheet
126Kb / 14P
   2 Watt Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG_15 Datasheet
132Kb / 14P
   2 Watt Packaged Amplifier
TGA2923-SG TRIQUINT-TGA2923-SG Datasheet
278Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com