Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2925-SG Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2925-SG
Description  5.6 Watt 3.5GHz Packaged HPA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2925-SG Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2925-SG Datasheet HTML 1Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 2Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 3Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 4Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 5Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 6Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 7Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 8Page - TriQuint Semiconductor TGA2925-SG Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Advance Product Information
Aug 16, 2005
3
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
TABLE III
THERMAL INFORMATION
Parameter
Test Conditions
TCH
(
oC)
RTJC
(
qC/W)
TM
(HRS)
RθJC Thermal
Resistance
(channel to backside
of package)
Vd = 8 V
ID = 0.75 A
Pdiss = 6 W
143
12.2
1.2E+9
Note: Package backside SnPb soldered to carrier at 70
°C baseplate temperature.
At saturated output power, the DC power consumption is 13.2W with 5.6W RF
power delivered to the load and 7.6W dissipated.
TABLE II
RF CHARACTERIZATION TABLE
(TA = 25
qC, Nominal)
(Vd = 8 V, Idq = 0.75 A)
SYMBOL
PARAMETER
TEST
CONDITION
TYPICAL
UNITS
Gain
Small Signal Gain
f = 3.5 GHz
11
dB
IRL
Input Return Loss
f = 3.5 GHz
10
dB
ORL
Output Return Loss
f = 3.5 GHz
8
dB
Psat
Saturated Output Power
37.5
dBm
TGA2925-SG


Similar Part No. - TGA2925-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
TGA2922-SG TRIQUINT-TGA2922-SG Datasheet
312Kb / 12P
   2 Watt 802.11a Packaged Amplifier
TGA2923-SG TRIQUINT-TGA2923-SG Datasheet
278Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
More results

Similar Description - TGA2925-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
logo
United Monolithic Semic...
CHA5356-QGG UMS-CHA5356-QGG_15 Datasheet
662Kb / 16P
   17.7-23.6GHz Packaged HPA
logo
TriQuint Semiconductor
TGA2509-EPU-FL TRIQUINT-TGA2509-EPU-FL Datasheet
264Kb / 12P
   Wideband Packaged HPA with AGC
TGA4505 TRIQUINT-TGA4505_15 Datasheet
461Kb / 10P
   4 Watt Ka Band HPA
TGA4916 TRIQUINT-TGA4916_15 Datasheet
268Kb / 12P
   7 Watt Ka-Band HPA
TGA4505 TRIQUINT-TGA4505 Datasheet
236Kb / 9P
   4 Watt Ka Band HPA
TGA4906 TRIQUINT-TGA4906_15 Datasheet
217Kb / 13P
   4 Watt Ka-Band HPA
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG_15 Datasheet
132Kb / 14P
   2 Watt Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG Datasheet
126Kb / 14P
   2 Watt Packaged Amplifier
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com