Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4508 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4508
Description  Ka Band Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4508 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA4508 Datasheet HTML 2Page - TriQuint Semiconductor TGA4508 Datasheet HTML 3Page - TriQuint Semiconductor TGA4508 Datasheet HTML 4Page - TriQuint Semiconductor TGA4508 Datasheet HTML 5Page - TriQuint Semiconductor TGA4508 Datasheet HTML 6Page - TriQuint Semiconductor TGA4508 Datasheet HTML 7Page - TriQuint Semiconductor TGA4508 Datasheet HTML 8Page - TriQuint Semiconductor TGA4508 Datasheet HTML 9Page - TriQuint Semiconductor TGA4508 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Advance Product Information
July 19, 2005
6
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
5
7
9
11
13
15
17
19
21
23
-16
-14
-12
-10
-8
-6
-4
-2
0
2
Pin (dBm)
40
50
60
70
80
90
100
110
120
130
5
7
9
11
13
15
17
19
21
23
-16
-14
-12
-10
-8
-6
-4
-2
0
2
Pin (dBm )
50
60
70
80
90
100
110
120
130
140
40GHz
38GHz
TGA4508
Measured Data
Bias Conditions: Vd = 3 V, Id = 40mA
Pout
IDS
Gain
Bias Conditions: Vd = 3 V, Id = 60 mA
40GHz
38GHz
Gain
Pout
IDS


Similar Part No. - TGA4508

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
More results

Similar Description - TGA4508

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1307-EPU TRIQUINT-TGA1307-EPU Datasheet
745Kb / 7P
   Ka Band Low Noise Amplifier
TGA4507-EPU TRIQUINT-TGA4507-EPU Datasheet
200Kb / 9P
   Ka Band Low Noise Amplifier
TGA1307 TRIQUINT-TGA1307 Datasheet
736Kb / 7P
   Ka Band Low Noise Amplifier
TGA1319B TRIQUINT-TGA1319B Datasheet
405Kb / 3P
   Ka Band Low Noise Amplifier
TGA4507 TRIQUINT-TGA4507_15 Datasheet
255Kb / 9P
   Ka Band Low Noise Amplifier
TGA1319A TRIQUINT-TGA1319A Datasheet
312Kb / 3P
   Ka Band Low Noise Amplifier
TGA1319B-EPU TRIQUINT-TGA1319B-EPU Datasheet
773Kb / 5P
   Ka Band Low Noise Amplifier
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com