Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4513-CP Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA4513-CP
Description  27 - 31 GHz 2W Balanced Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4513-CP Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA4513-CP Datasheet HTML 2Page - TriQuint Semiconductor TGA4513-CP Datasheet HTML 3Page - TriQuint Semiconductor TGA4513-CP Datasheet HTML 4Page - TriQuint Semiconductor TGA4513-CP Datasheet HTML 5Page - TriQuint Semiconductor TGA4513-CP Datasheet HTML 6Page - TriQuint Semiconductor TGA4513-CP Datasheet HTML 7Page - TriQuint Semiconductor TGA4513-CP Datasheet HTML 8Page - TriQuint Semiconductor TGA4513-CP Datasheet HTML 9Page - TriQuint Semiconductor TGA4513-CP Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Advance Product Information
March 15, 2005
9
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com Info: info-mmw@tqs.com
Bias Schematic
TGA4513-CP
Tow 1 mil bond wires are recommended for the RF input, output and Vg. Four bond wires
are recommended for Vd.


Similar Part No. - TGA4513-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4513 TRIQUINT-TGA4513 Datasheet
222Kb / 10P
   27 - 31 GHz 2W Balanced Power Amplifier
TGA4513 TRIQUINT-TGA4513 Datasheet
274Kb / 10P
   27 to 31 GHz 2W Balanced Power Amplifier
TGA4513 TRIQUINT-TGA4513_15 Datasheet
274Kb / 10P
   27 to 31 GHz 2W Balanced Power Amplifier
More results

Similar Description - TGA4513-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4513 TRIQUINT-TGA4513 Datasheet
222Kb / 10P
   27 - 31 GHz 2W Balanced Power Amplifier
TGA4513 TRIQUINT-TGA4513_15 Datasheet
274Kb / 10P
   27 to 31 GHz 2W Balanced Power Amplifier
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
   27 - 31 GHz 1W Power Amplifier
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
TGA4509 TRIQUINT-TGA4509_15 Datasheet
284Kb / 8P
   27 to 31 GHz 1W Power Amplifier
logo
Fairchild Semiconductor
RMDA29000 FAIRCHILD-RMDA29000 Datasheet
120Kb / 8P
   27-31 GHz Drive Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6432 AVAGO-AMGP-6432 Datasheet
368Kb / 9P
   28-31 GHz 2W SMT Packaged Power Amplifier
logo
Qorvo, Inc
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
   27 ??31 GHz 7 Watt GaN Power Amplifier
logo
Alpha Industries
AA028P2-00 ALPHA-AA028P2-00 Datasheet
80Kb / 2P
   27-31 GHz GaAs MMIC Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com