Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4922T-EMS Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP4922T-EMS
Description  12-Bit DAC with SPI??Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922T-EMS Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP4922T-EMS Datasheet HTML 16Page - Microchip Technology MCP4922T-EMS Datasheet HTML 17Page - Microchip Technology MCP4922T-EMS Datasheet HTML 18Page - Microchip Technology MCP4922T-EMS Datasheet HTML 19Page - Microchip Technology MCP4922T-EMS Datasheet HTML 20Page - Microchip Technology MCP4922T-EMS Datasheet HTML 21Page - Microchip Technology MCP4922T-EMS Datasheet HTML 22Page - Microchip Technology MCP4922T-EMS Datasheet HTML 23Page - Microchip Technology MCP4922T-EMS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MCP4921/4922
DS21897A-page 20
 2004 Microchip Technology Inc.
6.0
TYPICAL APPLICATIONS
The MCP492X devices are general purpose DACs
intended to be used in applications where a precision,
low-power DAC with moderate bandwidth is required.
Applications generally suited for the MCP492X devices
include:
• Set Point or Offset Trimming
• Sensor Calibration
• Digitally-Controlled Multiplier/Divider
• Portable Instrumentation (Battery Powered)
• Motor Feedback Loop Control
6.1
Digital Interface
The MCP492X utilizes a 3-wire syncronous serial
protocol to transfer the DACs’ setup and output values
from the digital source. The serial protocol can be inter-
faced to SPI™ or Microwire peripherals common on
many
microcontrollers,
including
Microchip’s
PICmicro® MCUs & dsPICTM DSC family of microcon-
trollers. In addition to the three serial connections (CS,
SCK and SDI), the LDAC signal syncronizes when the
serial settings are latched into the DAC’s output from
the serial input latch. Figure 6-1 illustrates the required
connections. Note that LDAC is active-low. If desired,
this input can be tied low to reduce the required con-
nections from 4 to 3. Write commands will be latched
directly into the output latch when a valid 16 clock
transmission has been received and CS has been
raised.
6.2
Power Supply Considerations
The typical application will require a by-pass capacitor
in order to filter high-frequency noise. The noise can
be induced onto the power supply's traces or as a result
of changes on the DAC's output. The bypass capacitor
helps to minimize the effect of these noise sources on
signal integrity. Figure 6-1 illustrates an appropriate
bypass strategy.
In this example, the recommended bypass capacitor
value is 0.1 µF. This capacitor should be placed as
close to the device power pin (VDD) as possible (within
4mm).
The power source supplying these devices should be
as clean as possible. If the application circuit has sep-
arate digital and analog power supplies, AVDD and
AVSS should reside on the analog plane.
FIGURE 6-1:
Typical Connection
Diagram.
6.3
Layout Considerations
Inductively-coupled AC transients and digital switching
noise can degrade the input and output signal integrity,
potentially masking the MCP492X’s performance.
Careful board layout will minimize these effects and
increase the signal-to-noise ratio (SNR). Bench testing
has shown that a multi-layer board utilizing a low-induc-
tance ground plane, isolated inputs, isolated outputs
and proper decoupling are critical to achieving the
performance that the silicon is capable of providing.
Particularly harsh environments may require shielding
of critical signals.
Breadboards
and
wire-wrapped
boards
are
not
recommended if low noise is desired.
Note:
At the time of this data sheet’s release,
circuit
examples
had
not
completed
testing. Your results may vary.
VDD
VDD
VDD
AVSS
AVSS
AVSS
VREFA
VOUTA
VREFB
VOUTB
0.1 µF
0.1 µF 0.1 µF
VREFA
VOUTA
VREFB
VOUTB
SDI
SDI
CS1
SDO
SCK
LDAC
CS0


Similar Part No. - MCP4922T-EMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4922T-E/MS MICROCHIP-MCP4922T-E/MS Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922T-E/P MICROCHIP-MCP4922T-E/P Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922T-E/P MICROCHIP-MCP4922T-E/P Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4922T-E/SL MICROCHIP-MCP4922T-E/SL Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922T-E/SL MICROCHIP-MCP4922T-E/SL Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
More results

Similar Description - MCP4922T-EMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5110 MAXIM-MAX5110 Datasheet
47Kb / 2P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 0; 2010-09-24
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
logo
Microchip Technology
MCP4821 MICROCHIP-MCP4821 Datasheet
1Mb / 36P
   12-Bit DACs with Internal VREF and SPI??Interface
2005
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
   16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Analog Devices
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com