Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC2GH01GDMCA-2SA00 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # MC2GH01GDMCA-2SA00
Description  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC2GH01GDMCA-2SA00 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button MC2GH01GDMCA-2SA00 Datasheet HTML 6Page - Samsung semiconductor MC2GH01GDMCA-2SA00 Datasheet HTML 7Page - Samsung semiconductor MC2GH01GDMCA-2SA00 Datasheet HTML 8Page - Samsung semiconductor MC2GH01GDMCA-2SA00 Datasheet HTML 9Page - Samsung semiconductor MC2GH01GDMCA-2SA00 Datasheet HTML 10Page - Samsung semiconductor MC2GH01GDMCA-2SA00 Datasheet HTML 11Page - Samsung semiconductor MC2GH01GDMCA-2SA00 Datasheet HTML 12Page - Samsung semiconductor MC2GH01GDMCA-2SA00 Datasheet HTML 13Page - Samsung semiconductor MC2GH01GDMCA-2SA00 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
MultiMediaCardTM
10
Sep.22.2005
Revision 0.3
3.9 SPI Mode
The operating condition negotiation function of the MultiMediaCard bus is not supported in SPI mode. The host must work
within the valid voltage range (2.7 to 3.6 volts) of the card.
3.9.1 Negotiating Operation Conditions
The SPI mode is a secondary (optional) communication protocol offered for MultiMediaCard. This mode is a subset of the
MultiMediaCard protocol, designed to communicate with an SPI channel, commonly found in Motorola’s(and lately a few
other vendors’) microcontrollers.
The card acquisition and identification function of the MultiMediaCard bus is not supported in SPI mode. The host must
know the number of cards currently connected on the bus. Specific card selection is done via the CS signal.
3.9.2 Card Acquisition and Identification
In SPI mode only 16bits (containing the errors relevant to SPI mode) can be read out of the MultiMediaCard status regis-
ter.
3.9.3 Card status
Memory partioning in SPI mode is equivalent to MultiMediaCard mode. All read and write commands are byte address-
able.
3.9.4 Memroy Array Partitioning
In SPI mode, only single block read/write mode is supported.
3.9.5 Read and Write Operations
In SPI mode, only single block mode is supported. The typical access time (latency) for each data block, in read opera-
tion, is 1.5ms. The write typical access time (latency) for each data block, in read operation, is 1.5ms. The write block
operation is done in handshake mode. The card will keep DataOut line low as long as the write operation is in progress
and there are no write buffers available.
3.9.6 Data Transfer Rate
Same as in the MultiMediaCard mode.
3.9.7 Data protection in the MultiMediaCard
Same as in the MultiMediaCard mode.
3.9.8 Erase


Similar Part No. - MC2GH01GDMCA-2SA00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC2GU01GNMCA-0QC00 SAMSUNG-MC2GU01GNMCA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC2GU512NMCA-0QC00 SAMSUNG-MC2GU512NMCA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
More results

Similar Description - MC2GH01GDMCA-2SA00

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com