Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





MCP4922-ESL Datasheet(PDF) 9 Page - Microchip Technology

Part No. MCP4922-ESL
Description  12-Bit DAC with SPI™ Interface
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

 9 page
background image
 2004 Microchip Technology Inc.
DS21897A-page 9
MCP4921/4922
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V , AVSS = 0V, VREF = 2.048V, Gain = 2, RL = 5 kΩ, CL = 100 pF.
FIGURE 2-6:
INL vs. Code and Ambient
Temperature.
FIGURE 2-7:
Absolute INL vs. Ambient
Temperature.
FIGURE 2-8:
Absolute INL vs. VREF.
FIGURE 2-9:
INL vs. Code and VREF.
FIGURE 2-10:
INL vs. Code.
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1024
2048
3072
4096
Code (Decimal)
125C
85
25
Ambient Temperature
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (ºC)
0
0.5
1
1.5
2
2.5
3
12345
Voltage Reference (V)
Note:
Single device graph (Figure 2-10) for
illustration of 64 code effect.
-4
-3
-2
-1
0
1
2
3
0
1024
2048
3072
4096
Code (Decimal)
1
2
3
4
5.5
V
REF
-6
-4
-2
0
2
0
1024
2048
3072
4096
Code (Decimal)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX5104Low-Power Dual Voltage-Output 12-Bit DAC with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX572212-Bit Low-Power Dual Voltage-Output DAC with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX574212-Bit Low-Power Quad Voltage-Output DAC with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
AD5405Dual 12-Bit High Bandwidth Multiplying DAC with 4-Quadrant Resistors and Parallel Interface 1 2 3 4 5 MoreAnalog Devices
MAX525Low-Power Quad 12-Bit Voltage-Output DAC with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX5253+3V Quad 12-Bit Voltage-Output DAC with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX5302Low-Power 12-Bit Voltage-Output DAC with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products
AD5415Dual 12-Bit High Bandwidth Multiplying DAC with 4-Quadrant Resistors and Serial Interface 1 2 3 4 5 MoreAnalog Devices
WM2630Octal 12-bit Serial Input Voltage Output DAC with Internal Reference 1 2 3 4 5 MoreWolfson Microelectronics plc
MAX662912-Bit Sign Digital Temperature Sensors with Serial Interface 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl