Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRA143ETP Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # BRA143ETP
Description  PNP Built-in Resistor Transistor TO-92 Series Inverter, Driver, Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BRA143ETP Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button BRA143ETP Datasheet HTML 4Page - Hitachi Semiconductor BRA143ETP Datasheet HTML 5Page - Hitachi Semiconductor BRA143ETP Datasheet HTML 6Page - Hitachi Semiconductor BRA143ETP Datasheet HTML 7Page - Hitachi Semiconductor BRA143ETP Datasheet HTML 8Page - Hitachi Semiconductor BRA143ETP Datasheet HTML 9Page - Hitachi Semiconductor BRA143ETP Datasheet HTML 10Page - Hitachi Semiconductor BRA143ETP Datasheet HTML 11Page - Hitachi Semiconductor BRA143ETP Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BRA144ETP Series
Rev.2, Sep. 2001, page 11 of 12
Package Dimensions
0.60 Max
0.55 Max
4.8 ± 0.4
3.8 ± 0.4
0.5Max
1.27
2.54
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
TO-92 (1)
Conforms
Conforms
0.25 g
As of January, 2001
Unit: mm


Similar Part No. - BRA143ETP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRA143ECM HITACHI-BRA143ECM Datasheet
171Kb / 12P
   PNP Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRA143EMP HITACHI-BRA143EMP Datasheet
120Kb / 12P
   PNP Built-in Resistor Transistor MPAK Series Inverter, Driver, Switching
More results

Similar Description - BRA143ETP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRA114 HITACHI-BRA114 Datasheet
171Kb / 12P
   PNP Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRA144EMP HITACHI-BRA144EMP Datasheet
120Kb / 12P
   PNP Built-in Resistor Transistor MPAK Series Inverter, Driver, Switching
BRC144ECM HITACHI-BRC144ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
logo
NEC
GN1L4L NEC-GN1L4L Datasheet
172Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L4M NEC-GN1L4M Datasheet
186Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1A4M NEC-GN1A4M Datasheet
181Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3M NEC-GN1L3M Datasheet
168Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3N NEC-GN1L3N Datasheet
170Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3Z NEC-GN1L3Z Datasheet
199Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1A4P NEC-GN1A4P Datasheet
174Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com