Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP2103 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGP2103
Description  8.5 - 11 GHz 6-Bit Phase Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2103 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGP2103 Datasheet HTML 1Page - TriQuint Semiconductor TGP2103 Datasheet HTML 2Page - TriQuint Semiconductor TGP2103 Datasheet HTML 3Page - TriQuint Semiconductor TGP2103 Datasheet HTML 4Page - TriQuint Semiconductor TGP2103 Datasheet HTML 5Page - TriQuint Semiconductor TGP2103 Datasheet HTML 6Page - TriQuint Semiconductor TGP2103 Datasheet HTML 7Page - TriQuint Semiconductor TGP2103 Datasheet HTML 8Page - TriQuint Semiconductor TGP2103 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
November 16, 2005
2
TGP2103
TABLE I
MAXIMUM RATINGS
Symbol
Parameter
Value
Notes
VC
Control Voltage Range
-8V to 0V
1/ 2/
IC
Control Supply Current
1 mA
1/ 2/
PIN
Input Continuous Wave Power
20 dBm
1/ 2/
PD
Power Dissipation
0.1 W
1/ 2/
TCH
Operating Channel Temperature
150
0C
3/
TM
Mounting Temperature
(30 Seconds)
320
0C
TSTG
Storage Temperature
-65 to 150
0C
1/
These ratings represent the maximum operable values for this device
2/
Combinations of supply voltage, supply current, input power, and output power
shall not exceed PD at a package base temperature of 70
°C
3/
Junction operating temperature will directly affect the device median time to
failure (MTTF). For maximum life, it is recommended that junction temperatures
be maintained at the lowest possible levels.
TAB LE II
RF CHARACTERIZATIO N TAB LE
(TA = 25
qC, Nominal)
(V C = -5V )
P aram eter
Test
C onditions
Typ
U nits
N otes
Insertion Loss
8.5 – 11G H z
5
dB
Peak Am plitude Error
8.5 – 11G H z
0.5
dB
R M S Am plitude Error
8.5 – 11G H z
0.2
dB
Peak Phase Shift E rror
8.5 – 11G H z
3
deg
R M S Phase S hift E rror
8.5 – 11G H z
2
deg
Input R eturn Loss
8.5 – 11G H z
15
dB
O utput R eturn Loss
8.5 – 11G H z
12
dB
N ote:
T able II Lists the R F C haracteristics of typical devices as determ ined by fixtured
m easurem ents.


Similar Part No. - TGP2103

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2103 TRIQUINT-TGP2103 Datasheet
516Kb / 9P
   8.5 -11 GHz 6-bit Phase Shifter
TGP2103 TRIQUINT-TGP2103_15 Datasheet
516Kb / 9P
   8.5 -11 GHz 6-bit Phase Shifter
More results

Similar Description - TGP2103

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2103 TRIQUINT-TGP2103_15 Datasheet
516Kb / 9P
   8.5 -11 GHz 6-bit Phase Shifter
logo
Pasternack Enterprises,...
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
   8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
Qorvo, Inc
TGP2105 QORVO-TGP2105 Datasheet
638Kb / 10P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
TriQuint Semiconductor
TGP2105-SM TRIQUINT-TGP2105-SM Datasheet
971Kb / 11P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
United Monolithic Semic...
CHP3015-QDG UMS-CHP3015-QDG Datasheet
1Mb / 14P
   8.5-10.5GHz Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
   6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
TriQuint Semiconductor
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
   15-19 GHz 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com