Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ48ZSPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ48ZSPBF
Description  AUTOMOTIVE MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48ZSPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFZ48ZSPBF Datasheet HTML 1Page - International Rectifier IRFZ48ZSPBF Datasheet HTML 2Page - International Rectifier IRFZ48ZSPBF Datasheet HTML 3Page - International Rectifier IRFZ48ZSPBF Datasheet HTML 4Page - International Rectifier IRFZ48ZSPBF Datasheet HTML 5Page - International Rectifier IRFZ48ZSPBF Datasheet HTML 6Page - International Rectifier IRFZ48ZSPBF Datasheet HTML 7Page - International Rectifier IRFZ48ZSPBF Datasheet HTML 8Page - International Rectifier IRFZ48ZSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
07/19/04
www.irf.com
1
HEXFET® is a registered trademark of International Rectifier.
IRFZ48ZPbF
IRFZ48ZSPbF
IRFZ48ZLPbF
HEXFET® Power MOSFET
S
D
G
VDSS = 55V
RDS(on) = 11mΩ
ID = 61A
Features
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Lead-Free
AUTOMOTIVE MOSFET
PD - 95574
Description
Specifically designed for Automotive applica-
tions, this HEXFET® Power MOSFET utilizes the
latest processing techniques to achieve extremely
low on-resistance per silicon area. Additional
features of this design are a 175°C junction
operating temperature, fast switching speed and
improved repetitive avalanche rating . These
features combine to make this design an ex-
tremely efficient and reliable device for use in
Automotive applications and a wide variety of
other applications.
D2Pak
IRFZ48ZS
TO-220AB
IRFZ48Z
TO-262
IRFZ48ZL
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (See Fig. 9)
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
i
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
h
mJ
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.64
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
j
–––
40
Max.
61
43
240
10 lbf•in (1.1N•m)
91
0.61
± 20
73
120
See Fig.12a,12b,15,16
300 (1.6mm from case )
-55 to + 175


Similar Part No. - IRFZ48ZSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ48ZS IRF-IRFZ48ZS Datasheet
280Kb / 12P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRFZ48ZS ISC-IRFZ48ZS Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRFZ48ZSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com