Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM120N03-1M5L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQM120N03-1M5L
Description  Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM120N03-1M5L Datasheet(HTML) 2 Page - Vishay Siliconix

  SQM120N03-1M5L_V01 Datasheet HTML 1Page - Vishay Siliconix SQM120N03-1M5L_V01 Datasheet HTML 2Page - Vishay Siliconix SQM120N03-1M5L_V01 Datasheet HTML 3Page - Vishay Siliconix SQM120N03-1M5L_V01 Datasheet HTML 4Page - Vishay Siliconix SQM120N03-1M5L_V01 Datasheet HTML 5Page - Vishay Siliconix SQM120N03-1M5L_V01 Datasheet HTML 6Page - Vishay Siliconix SQM120N03-1M5L_V01 Datasheet HTML 7Page - Vishay Siliconix SQM120N03-1M5L_V01 Datasheet HTML 8Page - Vishay Siliconix SQM120N03-1M5L_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 67333
2
S11-1098-Rev. A, 13-Jun-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SQM120N03-1m5L
Vishay Siliconix
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 30 V
-
-
1
μA
VGS = 0 V
VDS = 30 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 30 V, TJ = 175 °C
-
-
250
On-State Drain Currenta
ID(on)
VGS = 10 V
VDS5 V
120
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V
ID = 30 A
-
0.0014
0.0015
VGS = 10 V
ID = 30 A, TJ = 125 °C
-
-
0.0023
VGS = 10 V
ID = 30 A, TJ = 175 °C
-
-
0.0028
VGS = 4.5 V
ID = 20 A
-
0.0016
0.0020
Forward Transconductanceb
gfs
VDS = 15 V, ID = 30 A
-
190
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = 15 V, f = 1 MHz
-
12 484
15 605
pF
Output Capacitance
Coss
-
2204
2755
Reverse Transfer Capacitance
Crss
-
860
1075
Total Gate Chargec
Qg
VGS = 10 V
VDS = 10 V, ID = 120 A
-
179
270
nC
Gate-Source Chargec
Qgs
-34
-
Gate-Drain Chargec
Qgd
-21
-
Gate Resistance
Rg
f = 1 MHz
0.59
1.19
1.79
Turn-On Delay Timec
td(on)
VDD = 15 V, RL = 0.3 
ID  50 A, VGEN = 10 V, Rg = 1 
-18
27
ns
Rise Timec
tr
-11
17
Turn-Off Delay Timec
td(off)
-64
96
Fall Timec
tf
-11
17
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
480
A
Forward Voltage
VSD
IF = 60 A, VGS = 0 V
-
0.81
1.5
V


Similar Part No. - SQM120N03-1M5L_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L_V02 Datasheet
162Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQM120N03-1M5L_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
SQ3456EV VISHAY-SQ3456EV Datasheet
214Kb / 11P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. D, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com