Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA1759M3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTA1759M3
Description  High Voltage PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1759M3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTA1759M3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1759M3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1759M3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1759M3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C309M3
Issued Date : 2003.06.30
Revised Date :
Page No. : 2/4
BTA1759M3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-400
-
-
V
IC=-50µA
BVCEO
-400
-
-
V
IC=-1mA
BVEBO
-6
-
-
V
IE=-50µA
ICBO
-
-
-10
µA
VCB=-400V
IEBO
-
-
-10
µA
VEB=-6V
ICES
-
-
-10
µA
VCB=-400V
VCE(sat) 1
-
-
-0.2
V
IC=-1mA, IB=-0.1mA
*VCE(sat) 2
-
-
-0.3
V
IC=-10mA, IB=-1mA
*VCE(sat) 3
-
-
-0.6
V
IC=-50mA, IB=-5mA
*VBE(sat)
-
-
-0.9
V
IC=-20mA, IB=-2mA
hFE 1
50
-
-
-
VCE=-10V, IC=-1mA
*hFE 2
56
-
270
-
VCE=-10V, IC=-10mA
*hFE 3
50
-
-
-
VCE=-10V, IC=-50mA
*hFE 4
40
-
-
-
VCE=-10V, IC=-100mA
Cob
-
-
6
pF
VCB=-10V, IE=0A,f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE
Rank
K
P
Q
Range
56~120
82~180
120~270


Similar Part No. - BTA1759M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA1759M3 CYSTEKEC-BTA1759M3 Datasheet
282Kb / 6P
   High Voltage PNP Epitaxial Planar Transistor
BTA1759M3 CYSTEKEC-BTA1759M3_18 Datasheet
282Kb / 6P
   High Voltage PNP Epitaxial Planar Transistor
More results

Similar Description - BTA1759M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1023 KEC-KTA1023 Datasheet
334Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1700 KEC-KTA1700 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com