Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB1182J3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB1182J3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1182J3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB1182J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1182J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1182J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1182J3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C812J3
Issued Date : 2003.05.25
Revised Date :
Page No. : 2/4
BTB1182J3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-50µA, IE=0
BVCEO
-30
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-50µA, IC=0
ICBO
-
-
-1
µA
VCB=-20V, IE=0
IEBO
-
-
-1
µA
VEB=-4V, IC=0
*VCE(sat)
-
-
-1
V
IC=-3A, IB=-0.1A
*hFE
82
-
560
-
VCE=-3V, IC=-0.5A
fT
-
100
-
MHz
VCE=-5V, IC=-0.1A, f=100MHz
Cob
-
50
-
pF
VCB=-10V, f =1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE
Rank
P
Q
R
S
Range
82~180
120~270
180~390
270~560


Similar Part No. - BTB1182J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
245Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3S CYSTEKEC-BTB1184J3S Datasheet
327Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3S-S-T3-G CYSTEKEC-BTB1184J3S-S-T3-G Datasheet
327Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3_09 Datasheet
245Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1182J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com