Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTN1053L3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTN1053L3
Description  NPN Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN1053L3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTN1053L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN1053L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN1053L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTN1053L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTN1053L3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C818L3
Issued Date : 2003.08.13
Revised Date :
Page No. : 1/5
BTN1053L3
CYStek Product Specification
NPN Epitaxial Planar Transistor
BTN1053L3
Features
• 5W power dissipation
• Excellent HFE Characteristics up to 1A
• Low Saturation Voltage
VCE(sat)=0.15V(typ)(IC=1A,IB=50mA).
• 5A peak pulse current
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
75
V
Emitter-Base Voltage
VEBO
5
V
Collector Current(DC)
IC
1.5
Collector Current(Pulsed)
ICP
5
(Note)
A
Power Dissipation @TC=25℃
PD
5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : Single pulse, Pw≤300µs, Duty Cycle≤2%.


Similar Part No. - BTN1053L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTN1053A3 CYSTEKEC-BTN1053A3 Datasheet
275Kb / 8P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1053I3 CYSTEKEC-BTN1053I3 Datasheet
309Kb / 7P
   NPN Epitaxial Planar Transistor
BTN1053K3 CYSTEKEC-BTN1053K3 Datasheet
304Kb / 8P
   NPN Epitaxial Planar Transistor
BTN1053M3 CYSTEKEC-BTN1053M3 Datasheet
169Kb / 5P
   NPN Epitaxial Planar Transistor
More results

Similar Description - BTN1053L3

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com