Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTNA44M3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # BTNA44M3
Description  High Voltage NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTNA44M3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BTNA44M3 Datasheet HTML 1Page - Cystech Electonics Corp. BTNA44M3 Datasheet HTML 2Page - Cystech Electonics Corp. BTNA44M3 Datasheet HTML 3Page - Cystech Electonics Corp. BTNA44M3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C210M3-H
Issued Date : 2003.06.12
Revised Date :
Page No. : 4/4
BTNA44M3
CYStek Product Specification
SOT-89 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1732
0.1811
4.40
4.60
F
0.0583
0.0598
1.48
1.527
B
0.1594
0.1673
4.05
4.25
G
0.1165
0.1197
2.96
3.04
C
0.0591
0.0663
1.50
1.70
H
0.0551
0.0630
1.40
1.60
D
0.0945
0.1024
2.40
2.60
I
0.0138
0.0161
0.35
0.41
E
0.01417 0.0201
0.36
0.51
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
44
E
F
G
C
B
A
I
D
H
3
2
1
3-Lead SOT-89 Plastic
Surface Mounted Package
CYStek Package Code: M3
Style: Pin 1. Base 2. Collector 3. Emitter


Similar Part No. - BTNA44M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTNA44A3 CYSTEKEC-BTNA44A3 Datasheet
166Kb / 5P
   High Voltage NPN Epitaxial Planar Transistor
BTNA44N3 CYSTEKEC-BTNA44N3 Datasheet
150Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
More results

Similar Description - BTNA44M3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC1027 KEC-KTC1027 Datasheet
358Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTC3415A3 CYSTEKEC-BTC3415A3 Datasheet
299Kb / 6P
   High Voltage NPN Epitaxial Planar Transistor
BTC4621K3 CYSTEKEC-BTC4621K3 Datasheet
172Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
BTC4505M3 CYSTEKEC-BTC4505M3 Datasheet
166Kb / 5P
   High Voltage NPN Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTC2238A KEC-KTC2238A Datasheet
67Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTD7521E3 CYSTEKEC-BTD7521E3 Datasheet
229Kb / 5P
   High Voltage NPN Epitaxial Planar Transistor
BTD7521H8 CYSTEKEC-BTD7521H8 Datasheet
250Kb / 6P
   High Voltage NPN Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTC3245 KEC-KTC3245 Datasheet
78Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTC4062N3 CYSTEKEC-BTC4062N3 Datasheet
273Kb / 5P
   High Voltage NPN Epitaxial Planar Transistor
BTC4505A3 CYSTEKEC-BTC4505A3 Datasheet
145Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
BTD2568L3 CYSTEKEC-BTD2568L3 Datasheet
156Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com