Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGU8K Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # UGU8K
Description  8.0A ULTR-FASTGLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

UGU8K Datasheet(HTML) 2 Page - Mospec Semiconductor

  UGU8K Datasheet HTML 1Page - Mospec Semiconductor UGU8K Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UGU8A thru UGU8K
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
Tj=25
OC
Pulse with =300 us
PC Board
Resistive or
Inductive Load
Heatsink
FIG-3 PEAK FORWARD SURGE CURRENT
FIG-4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60 Hz
REVERSE VOLTAGE (Volts)
Single Half-Sine Wave
(JEDEC Method)
Tj=25
OC
F=1.0MHz
Tj=25
OC


Similar Part No. - UGU8K

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
UGU6A MOSPEC-UGU6A Datasheet
174Kb / 2P
   6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU6B MOSPEC-UGU6B Datasheet
174Kb / 2P
   6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU6D MOSPEC-UGU6D Datasheet
174Kb / 2P
   6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU6G MOSPEC-UGU6G Datasheet
174Kb / 2P
   6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU6J MOSPEC-UGU6J Datasheet
174Kb / 2P
   6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UGU8K

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
UGU6A MOSPEC-UGU6A Datasheet
174Kb / 2P
   6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBU8005 LUGUANG-GBU8005 Datasheet
76Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU8005 DIODES-GBU8005_1 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
GBU8005 DIODES-GBU8005 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
DONGGUAN YOU FENG WEI E...
GBU801G YFWDIODE-GBU801G Datasheet
543Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS805 ZSELEC-HBS805 Datasheet
119Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBJ801 YFWDIODE-KBJ801 Datasheet
540Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS8005M ZSELEC-RS8005M Datasheet
127Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU800G WTE-KBU800G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ8A ZSELEC-KBJ8A Datasheet
127Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com