Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1535 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS1535
Description  GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1535 Datasheet(HTML) 1 Page - Gennum Corporation

  GS1535 Datasheet HTML 1Page - Gennum Corporation GS1535 Datasheet HTML 2Page - Gennum Corporation GS1535 Datasheet HTML 3Page - Gennum Corporation GS1535 Datasheet HTML 4Page - Gennum Corporation GS1535 Datasheet HTML 5Page - Gennum Corporation GS1535 Datasheet HTML 6Page - Gennum Corporation GS1535 Datasheet HTML 7Page - Gennum Corporation GS1535 Datasheet HTML 8Page - Gennum Corporation GS1535 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.gennum.com
GS1535 HD-LINX II™
Multi-Rate SDI
Automatic Reclocker
GS1535 Data Sheet
18557 - 8
February 2005
1 of 22
Key Features
SMPTE 292M, 259M and 344M compliant
Supports data rates of 143, 177, 270, 360, 540,
1483.5, 1485 Mb/s
Supports DVB-ASI at 270Mb/s
Auto and Manual Modes for rate selection
Standards indication in Auto Mode
4:1 input multiplexor
Lock Detect Output
On-chip Input and Output Termination
Differential inputs and outputs
Configuarble automatic Mute or Bypass when not
locked
Manual Bypass function
SD/HD indication output to control GS1528 Dual
Slew-Rate Cable Driver
Pb-free and Green
Single 3.3V power supply
Operating temperature range: 0°C to 70°C
Applications
SMPTE 292M, SMPTE 259M and SMPTE 344M
Serial Digital Interfaces
Description
The GS1535 Multi-Rate Serial Digital Reclocker is
designed to automatically recover the embedded clock
signal and re-time the data from a SMPTE 292M,
SMPTE 259M or SMPTE 344M compliant digital video
signal.
The device removes the high frequency jitter
components from the bit-serial stream. Input
termination is on-chip for seamless matching to 50
transmission lines. An LVPECL compliant output
interfaces seamlessly to the GS1528 Cable Driver
The GS1535 can operate in either auto or manual rate
selection mode. In Auto mode the GS1535
automatically detects and locks onto an incoming
SMPTE SDI data signal from 143 Mb/s to 1.485 Gb/s.
For single rate data systems, the GS1535 can be
configured to operate in manual mode. In both modes,
the GS1535 requires only one external crystal to set the
VCO frequency when not locked and provides
adjustment free operation. In systems which require
passing non-SMPTE data rates, the GS1535 will
automatically or manually enter a bypass mode in order
to pass the signal without reclocking.
The ASI/177 input pin allows for manual selection of
support of either 177Mb/s or DVB-ASI inputs.
GS1535 Functional Block Diagram
XTAL+ XTAL-
XTAL
OUT-
XTAL
OUT+
DDI_SEL[1:0]
DDI 1
DDI 2
DDI 3
DDI 0
LF+ LF-
KBB
DDO_MUTE
DDO/DDO
AUTOBYPASS
BYPASS
LD
AUTO/MAN
SS[2:0]
ASI/177
XTAL
OSC
BUFFER
DATA BUFFER
VCO
BYPASS
LOGIC
DIVIDE BY
2,4,6,8,12,16
PHASE
FREQUENCY
DETECTOR
DIVIDE BY
152, 160, 208
CONTROL LOGIC
CHARGE
PUMP
M
U
X
D
A
T
A
M
U
X
M
U
X
RE-TIMER
PHASE
DETECTOR


Similar Part No. - GS1535

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS1535

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com