Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9065ACFUE3 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9065ACFUE3
Description  GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9065ACFUE3 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9065ACFUE3 Datasheet HTML 7Page - Gennum Corporation GS9065ACFUE3 Datasheet HTML 8Page - Gennum Corporation GS9065ACFUE3 Datasheet HTML 9Page - Gennum Corporation GS9065ACFUE3 Datasheet HTML 10Page - Gennum Corporation GS9065ACFUE3 Datasheet HTML 11Page - Gennum Corporation GS9065ACFUE3 Datasheet HTML 12Page - Gennum Corporation GS9065ACFUE3 Datasheet HTML 13Page - Gennum Corporation GS9065ACFUE3 Datasheet HTML 14Page - Gennum Corporation GS9065ACFUE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
GS1535A / GS9065A Data Sheet
31497 - 3
November 2005
11 of 27
Serial Output Jitter
KBB = Float
PRN, 223-1
Measurement is output jitter
that includes input jitter from
BERT.
tOJ
143 Mb/s
0.02
UI
1
tOJ
177 Mb/s
0.02
UI
1
tOJ
270 Mb/s
0.02
0.09
UI
1
tOJ
360 Mb/s
0.03
UI
1
tOJ
540 Mb/s
0.03
0.09
UI
1
tOJ
1485 Mb/s (GS1535A
only)
0.06
0.13
UI
1
tOJ
Bypass
0.06
0.13
UI
1
Loop Bandwidth
BWLOOP
1.485 Gb/s, KBB = FLOAT
(GS1535A only)
–1.75–
MHz
6,7
BWLOOP
1.485 Gb/s, KBB = GND,
<0.1dB Peaking
(GS1535A only)
–3.2
MHz
6,7
BWLOOP
270 Mb/s, KBB = FLOAT
520
KHz
6,7
BWLOOP
270 Mb/s, KBB = GND
1000
KHz
6,7
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated
test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2 or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.
Table 2-2: AC Electrical Characteristics (Continued)
VCC = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels


Similar Part No. - GS9065ACFUE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9065ACFUE3 GENNUM-GS9065ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS9065ACFUE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com