Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR2316 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GR2316
Description  Genblue Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GR2316 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GR2316 Datasheet HTML 3Page - Gennum Corporation GR2316 Datasheet HTML 4Page - Gennum Corporation GR2316 Datasheet HTML 5Page - Gennum Corporation GR2316 Datasheet HTML 6Page - Gennum Corporation GR2316 Datasheet HTML 7Page - Gennum Corporation GR2316 Datasheet HTML 8Page - Gennum Corporation GR2316 Datasheet HTML 9Page - Gennum Corporation GR2316 Datasheet HTML 10Page - Gennum Corporation GR2316 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
GR2316 / GR2320 Data Sheet
32197 - F
May 2006
7 of 17
3. Pin Descriptions
Table 3-1: Pin Descriptions
Pin
Number
Pin
Name
Description
A2
GND
Ground connection to external low impedance ground plane
A3
GND
Ground connection to external low impedance ground plane
A4
GND
Ground connection to external low impedance ground plane
A6
GND
Ground connection to external low impedance ground plane
A7
GND
Ground connection to external low impedance ground plane
A8
GND
Ground connection to external low impedance ground plane
A11
GND
Ground connection to external low impedance ground plane
A5 (GR2316)
ANT
RF Connection to Antenna
A5 (GR2320)
DNC
Do not connect this pin for the GR2320
A12
SPI_CSB
Chip select for serial peripheral interface, active low
A13
SPI_MISO
Serial peripheral interface data output
A14
SPI_MOSI
Serial peripheral interface data input
B14
SPI_CLK
Serial peripheral interface clock
C14
PCM_SYNC
Synchronous data sync
D14
PCM_OUT
Synchronous data output
E14
PCM_IN
Synchronous data input
F14
PCM_CLK
Synchronous data clock
N14
UART_CTS
UART clear to send, active low
P14
UART_RTS
UART request to send, active low
P13
UART_RX
UART data input, active low (idle status high)
P12
UART_TX
UART data output, active low
P11
USB_P
USB data plus with selectable internal 1.5k pull-up resistor
P10
USB_N
USB data minus
P5
SPKR_P
Speaker output positive
P4
SPKR_N
Speaker output negative
J1
MIC_P
Microphone input positive
H1
MIC_N
Microphone input negative
P7
AIO(1)
Programmable input/output line
P6
AIO(0)
Programmable input/output line


Similar Part No. - GR2316

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GR20-G EIC-GR20-G Datasheet
97Kb / 2P
   HIGH VOLTAGE
logo
Chip Integration Techno...
GR2005 CITC-GR2005 Datasheet
145Kb / 3P
   2A Leaded Type General Purpose Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR201G DACO-GR201G Datasheet
864Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Seoul Semiconductor
GR202 SEOUL-GR202 Datasheet
277Kb / 13P
   3.0*1.5*1.4 mm Inner Lens type Peak Wavelength: 570nm
logo
DACO SEMICONDUCTOR CO.,...
GR202G DACO-GR202G Datasheet
864Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - GR2316

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
   MODULE
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
   Module
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
   Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
   MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
   module
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
   Module
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
   IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
   Thermocouple Input Module Analog Input Module RTD Input Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com