Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9002
Description  GENLINXTM GS9002 Serial Digital Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9002 Datasheet HTML 3Page - Gennum Corporation GS9002 Datasheet HTML 4Page - Gennum Corporation GS9002 Datasheet HTML 5Page - Gennum Corporation GS9002 Datasheet HTML 6Page - Gennum Corporation GS9002 Datasheet HTML 7Page - Gennum Corporation GS9002 Datasheet HTML 8Page - Gennum Corporation GS9002 Datasheet HTML 9Page - Gennum Corporation GS9002 Datasheet HTML 10Page - Gennum Corporation GS9002 Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
520 - 27 - 08
NOT
RECOMMENDED
FOR
NEW
DESIGNS
LOOP FILTER VOLTAGE (V)
Fig. 16 Output Jitter
TYPICAL PERFORMANCE CURVES
(VS = 5V, TA = 25
° C unless otherwise shown)
Fig. 12 VCO Frequency
Fig. 13 VCO Frequency vs Loop Filter Voltage
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY SETTING RESISTANCE (k
Ω)
V
LOOP
=2.6V
LOOP FILTER VOLTAGE (V)
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
OPTIMAL
LOOP FILTER
VOLTAGE
600
550
500
450
400
350
300
250
200
150
100
50
0
Fig. 14 Serial Output Level (Data & Clock)
0
10
20
30
40
50
60
70
V
S
= 5.25V
V
S
= 5.0V
0
10
20
30
40
50
60
70
AMBIENT TEMPERATURE (
°C)
Fig. 15 Supply Current
V
S
= 4.75V
AMBIENT TEMPERATURE (
°C)
V
S
= 4.75V
V
S
= 5.0V
V
S
= 5.25V
200
190
180
170
160
150
R
VCO
= 1.8k
R
VCO
= 2.7k
R
VCO
= 6.3k
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
143 Mb/s
270 Mb/s
800
700
600
500
400
300
200
100
600
550
500
450
400
350
300
250
200
150
100
50
1000
950
900
850
800
750
700


Similar Part No. - GS9002

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9002ACPM GENNUM-GS9002ACPM Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9002ACPME3 GENNUM-GS9002ACPME3 Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
More results

Similar Description - GS9002

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
logo
TRINAMIC Motion Control...
TMC4671 TRINAMIC-TMC4671 Datasheet
4Mb / 157P
   Encoder Engine: Hall analog/digital, Encoder analog/digital
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
   SERIAL INTERFACE TRANSMISSION ENCODER
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com