Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9000DCPJE3 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9000DCPJE3
Description  GENLINX II -TM GS9000D Serial Digital Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9000DCPJE3 Datasheet(HTML) 5 Page - Gennum Corporation

  GS9000DCPJE3 Datasheet HTML 1Page - Gennum Corporation GS9000DCPJE3 Datasheet HTML 2Page - Gennum Corporation GS9000DCPJE3 Datasheet HTML 3Page - Gennum Corporation GS9000DCPJE3 Datasheet HTML 4Page - Gennum Corporation GS9000DCPJE3 Datasheet HTML 5Page - Gennum Corporation GS9000DCPJE3 Datasheet HTML 6Page - Gennum Corporation GS9000DCPJE3 Datasheet HTML 7Page - Gennum Corporation GS9000DCPJE3 Datasheet HTML 8Page - Gennum Corporation GS9000DCPJE3 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GENNUM CORPORATION
18784 - 3
5 of 9
INPUT/OUTPUT CIRCUITS
Fig. 2 Pin 11 SSC
Fig. 3 Pin 14 SCE
Fig. 4 Pins 5 - 8 SDI - SCI
15
SWC
Input
Sync Warning Control. Analog input used to set the HSYNC Error Rate (HER). This is
accomplished by an external RC time constant connected to this pin.
16
PCLK
Output
Parallel Clock Output. CMOS (TTL compatible) clock output where the rising edge of the
clock is located at the centre of the parallel data window within a given tolerance. See Fig. 7.
17
PD0
Output
Parallel Data Output - Bit 0 (LSB). CMOS (TTL compatible) descrambled parallel data output
from the serial to parallel convertor representing the least significant bit (LSB).
18
VDD
Power Supply. Most positive power supply connection.
19-25
PD1 - PD7
Outputs
Parallel Data Outputs - Bit 1 to Bit 7. CMOS (TTL compatible) descrambled parallel data
outputs from the serial to parallel convertor representing data bit 1 through data bit 7.
26
VSS
Power Supply. Most negative power supply connection.
27
PD8
Output
Parallel Data Output. CMOS (TTL compatible) descrambled parallel data output from the
serial to parallel convertor representing data bit 8.
28
PD9
Output
Parallel Data Output - Bit 9 (MSB). CMOS (TTL compatible) descrambled data output from
the serial to parallel convertor representing the most significant bit (MSB).
PIN DESCRIPTIONS
PIN NO.
SYMBOL
TYPE
DESCRIPTION
REXT
EXTERNAL
COMPONENTS
SSC
VDD
VDD
SCE
VDD
VDD
SDI
SCI
BIAS
SDI
SCI
VDD
VDD


Similar Part No. - GS9000DCPJE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9000 GENNUM-GS9000 Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9000CCPJ GENNUM-GS9000CCPJ Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9000CCTJ GENNUM-GS9000CCTJ Datasheet
106Kb / 8P
   Serial Digital Decoder
More results

Similar Description - GS9000DCPJE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com