Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9002A Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9002A
Description  GENLINX-TM GS9002A Serial Digital Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002A Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9002A Datasheet HTML 3Page - Gennum Corporation GS9002A Datasheet HTML 4Page - Gennum Corporation GS9002A Datasheet HTML 5Page - Gennum Corporation GS9002A Datasheet HTML 6Page - Gennum Corporation GS9002A Datasheet HTML 7Page - Gennum Corporation GS9002A Datasheet HTML 8Page - Gennum Corporation GS9002A Datasheet HTML 9Page - Gennum Corporation GS9002A Datasheet HTML 10Page - Gennum Corporation GS9002A Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
24149 - 1
VCC
VEE
DRS1
DRS0
VR1
Fig. 6 Pins No. 35, 36
Data Rate Select
VEE
RVCOX
VSELECT
VCC
800
VR2=2.15V
IVCO
Fig. 7 Pins No. 31 - 34
Frequency Setting Registors R
VCO0
-R
VCO3
Fig. 9 Waveforms
200
SDO
SDO
VCC
VEE
200
Fig. 8 Pins No. 38, 39, 42, 43
Serial Outputs (Data & Clock)
tSU
tHOLD
tCLKL = tCLKH
PARALLEL
CLOCK
PLCK
50%
PARALLEL
DATA
PDn
tD
SERIAL
DATA OUT
(SD0)
50%
SERIAL
CLOCK OUT
(SCK)
tD
50%


Similar Part No. - GS9002A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9002 GENNUM-GS9002 Datasheet
316Kb / 11P
   GENLINXTM GS9002 Serial Digital Encoder
GS9002-CPM GENNUM-GS9002-CPM Datasheet
316Kb / 11P
   GENLINXTM GS9002 Serial Digital Encoder
More results

Similar Description - GS9002A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com