Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9015B Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9015B
Description  GENLINX-TM GS9015B Serial Digital Reclocker
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015B Datasheet(HTML) 5 Page - Gennum Corporation

  GS9015B Datasheet HTML 1Page - Gennum Corporation GS9015B Datasheet HTML 2Page - Gennum Corporation GS9015B Datasheet HTML 3Page - Gennum Corporation GS9015B Datasheet HTML 4Page - Gennum Corporation GS9015B Datasheet HTML 5Page - Gennum Corporation GS9015B Datasheet HTML 6Page - Gennum Corporation GS9015B Datasheet HTML 7Page - Gennum Corporation GS9015B Datasheet HTML 8Page - Gennum Corporation GS9015B Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5 of 13
32467 - 0
NOT
RECOMMENDED
FOR
NEW
DESIGNS
PIN NO
SYMBOL
TYPE
DESCRIPTION
18
V
CC2
Power Supply. Most positive power supply connection. (VCO, MUX, Standard Select).
19
CD
Output
Carrier Detect. Open collector output which goes HIGH when a signal is present at either the Serial
Data inputs or the Direct Digital inputs. This output is used in conjunction with the GS9000B or GS9000S
in the Automatic Standards Select Mode to disable the 2 bit standard select counter. This pin should
see a low AC impedance (e.g. 1nF to AC Gnd)
20,21
SS0, SS1 Inputs
Standard Select Inputs. TTL inputs to the 2:4 multiplexer used to select one of four VCO centre
frequency setting resistors (R
VCO0
- R
VCO3
). When both SS0 and SS1 are LOW, R
VCO0
is selected.
When SS0 is HIGH and SS1 is LOW, R
VCO1
is selected. When SS0 is LOW and SS1 is HIGH, R
VCO2
is selected and when both SS0 and SS1 are HIGH, R
VCO3
is selected. These pins should see a
low AC impedance (e.g. 1nF to AC Gnd)
22,23
SCO/SCO Outputs
Serial Clock Outputs (inverse and true). Pseudo-ECL differential outputs of the extracted serial clock.
These outputs require a 390
Ω pull-down resistors to V
EE
.
24,25
SDO/SDO Outputs
Serial Data Outputs (inverse and true). Pseudo-ECL differential outputs of the regenerated serial data.
These outputs require a 390
Ω pull-down resistors to V
EE
.
26
V
CC3
Power Supply. Most positive power supply connection. (ECL Outputs).
27
V
EE2
Power Supply. Most negative power supply connection. (Phase Detector, Carrier Detect)
28
VEE1
Power Supply. Most negative power supply connection.
GS9015B PIN DESCRIPTIONS cont.
+
-
2k
2k
1k
1k
1.6V
DDI
Pin 5
Pin 6
DDI
VCC
1.2V
+
-
380µA
Fig. 3 Pins 1, 5 and 6
INPUT / OUTPUT CIRCUITS


Similar Part No. - GS9015B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015ACPJ GENNUM-GS9015ACPJ Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015ACTJ GENNUM-GS9015ACTJ Datasheet
138Kb / 13P
   Serial Digital Reclocker
More results

Similar Description - GS9015B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com